Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW256M Datasheet(PDF) 18 Page - STMicroelectronics

Part # M68AW256M
Description  4 Mbit (256K x16) 3.0V Asynchronous SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW256M Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M68AW256M Datasheet HTML 14Page - STMicroelectronics M68AW256M Datasheet HTML 15Page - STMicroelectronics M68AW256M Datasheet HTML 16Page - STMicroelectronics M68AW256M Datasheet HTML 17Page - STMicroelectronics M68AW256M Datasheet HTML 18Page - STMicroelectronics M68AW256M Datasheet HTML 19Page - STMicroelectronics M68AW256M Datasheet HTML 20Page - STMicroelectronics M68AW256M Datasheet HTML 21Page - STMicroelectronics M68AW256M Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
M68AW256M
18/23
PACKAGE MECHANICAL
Figure 15. TSOP44 II - 44 lead Plastic Thin Small Outline Type II, Package Outline
Note: Drawing is not to scale.
Table 10. TSOP 44 II - 44 lead Plastic Thin Small Outline Type II, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.200
0.0472
A1
0.050
0.150
0.0020
0.0059
A2
0.950
1.050
0.0374
0.0413
b
0.350
0.0138
c
0.120
0.210
0.0047
0.0083
D
18.410–
–0.7248
–
–
E
11.760
–
–
0.4630
–
–
E1
10.160
–
–
0.4000
–
–
e
0.800
–
–
0.0315
–
–
L
0.500
0.400
0.600
0.0197
0.0157
0.0236
ZD
0.805
–
–
0.0317
–
–
alfa
0
5
0
5
CP
0.100
0.0039
N44
44
TSOP-d
N
1
CP
A
L
A1
α
N/2
D
e
b
E1
E
C
A2
ZD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com