Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD29080DT15-R Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD29080DT15-R
Description  800mA FIXED AND ADJUSTABLE OUTPUT VERY LOW DROP VOLTAGE REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29080DT15-R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD29080DT15-R Datasheet HTML 7Page - STMicroelectronics LD29080DT15-R Datasheet HTML 8Page - STMicroelectronics LD29080DT15-R Datasheet HTML 9Page - STMicroelectronics LD29080DT15-R Datasheet HTML 10Page - STMicroelectronics LD29080DT15-R Datasheet HTML 11Page - STMicroelectronics LD29080DT15-R Datasheet HTML 12Page - STMicroelectronics LD29080DT15-R Datasheet HTML 13Page - STMicroelectronics LD29080DT15-R Datasheet HTML 14Page - STMicroelectronics LD29080DT15-R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LD29080 SERIES
11/21
Table 12: Electrical Characteristics Of LD29080#ADJ
(IO = 10mA (Note 4), TJ = 25°C, VI = 3.23 V, VINH = 2V, CI = 330nF, CO = 10µF adjust pin tied to output
pin, unless otherwise specified)
NOTE 1: Guaranteed by design.
NOTE 2: Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its nominal value with VO+1V
applied to VI.
NOTE 3: Reference Voltage is measured between output and GND pins, with ADJ PIN tied to VOUT.
NOTE 4: in order to avoid any output voltage rise within the whole operating temperature range, due to output leakage current, a minimum
load current of 2mA is required.
TYPICAL CHARACTERISTICS
Figure 5: Output Voltage vs Temperature
Figure 6: Reference Voltage vs Temperature
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Minimum Operating Input
Voltage
IO = 10mA to 800mA
2.5
13
V
∆V
O
Load Regulation
IO = 10mA to 800mA
0.2
1.0
%
∆V
O
Line Regulation
VI = 2.5 V to 13V
IO = 10mA
0.06
0.5
%
VREF
Reference Voltage
IO = 10mA to 800mA, VI = 2.5 to 6.73V
TJ = -40 to 125°C (Note 3)
1.2177
1.23
1.2423
V
1.1993
1.2607
SVR
Supply Voltage Rejection
f = 120 Hz, VI = 3.23 ± 1V, IO = 400mA
(Note 1)
45
75
dB
Iq
Quiescent Current
IO = 10mA,
TJ = -40 to 125°C
2
5
mA
IO = 400mA,
TJ = -40 to 125°C
8
20
IO = 800mA,
TJ = -40 to 125°C
14
35
VI = 13V, VINH = GND TJ = -40 to 125°C
130
180
µA
IADJ
Adjust Pin Current
TJ = -40 to 125°C (Note 1)
1
µA
Isc
Short Circuit Current
RL = 0
1.2
A
VIL
Control Input Logic Low
OFF MODE
TJ = -40 to 125°C
0.8
V
VIH
Control Input Logic High
ON MODE
TJ = -40 to 125°C
2
V
IINH
Control Input Current
VINH = 13V
TJ = -40 to 125°C
5
10
µA
eN
Output Noise Voltage
BP = 10Hz to 100KHzIO = 100mA
50
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com