Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD29080DT15-R Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD29080DT15-R
Description  800mA FIXED AND ADJUSTABLE OUTPUT VERY LOW DROP VOLTAGE REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29080DT15-R Datasheet(HTML) 3 Page - STMicroelectronics

  LD29080DT15-R Datasheet HTML 1Page - STMicroelectronics LD29080DT15-R Datasheet HTML 2Page - STMicroelectronics LD29080DT15-R Datasheet HTML 3Page - STMicroelectronics LD29080DT15-R Datasheet HTML 4Page - STMicroelectronics LD29080DT15-R Datasheet HTML 5Page - STMicroelectronics LD29080DT15-R Datasheet HTML 6Page - STMicroelectronics LD29080DT15-R Datasheet HTML 7Page - STMicroelectronics LD29080DT15-R Datasheet HTML 8Page - STMicroelectronics LD29080DT15-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LD29080 SERIES
3/21
Table 3: Thermal Data
Figure 3: Pin Connection (top view)
Table 4: Pin Description
* Not internally pulled up; in order to assure the operating condition (device in ON mode), it must be connected to a positive voltage higher
than 2V.
** Not connect for fixed version.
Symbol
Parameter
DPAK
PPAK
SOT-223
Unit
Rthj-case
Thermal Resistance Junction-case
88
15
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
100
100
°C/W
Symbol
PPAK
DPAK
SOT-223
VI
211
GND
322
VO
433
ADJ/N.C.**
5
INHIBIT*
1
PPAK
DPAK
SOT-223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com