Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD29080DT15-R Datasheet(PDF) 15 Page - STMicroelectronics

Part # LD29080DT15-R
Description  800mA FIXED AND ADJUSTABLE OUTPUT VERY LOW DROP VOLTAGE REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29080DT15-R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LD29080DT15-R Datasheet HTML 11Page - STMicroelectronics LD29080DT15-R Datasheet HTML 12Page - STMicroelectronics LD29080DT15-R Datasheet HTML 13Page - STMicroelectronics LD29080DT15-R Datasheet HTML 14Page - STMicroelectronics LD29080DT15-R Datasheet HTML 15Page - STMicroelectronics LD29080DT15-R Datasheet HTML 16Page - STMicroelectronics LD29080DT15-R Datasheet HTML 17Page - STMicroelectronics LD29080DT15-R Datasheet HTML 18Page - STMicroelectronics LD29080DT15-R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
LD29080 SERIES
15/21
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.8
70.9
A1
0.02
0.1
0.8
3.9
B
0.6
0.7
0.8523.627.633.5
B1
2.9
3
3.15
114.2
118.1
124.0
c
0.24
0.26
0.35
9.4
10.2
13.8
D
6.3
6.5
6.7
248.0
255.9
263.8
e
2.3
90.6
e1
4.6
181.1
E
3.3
3.5
3.7
129.9
137.8
145.7
H
6.7
7
7.3
129.9
137.8
145.7
V
10˚
SOT-223 MECHANICAL DATA
0046067/H
10˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com