Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38859 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38859 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP38859 Datasheet HTML 1Page - National Semiconductor (TI) LP38859 Datasheet HTML 2Page - National Semiconductor (TI) LP38859 Datasheet HTML 3Page - National Semiconductor (TI) LP38859 Datasheet HTML 4Page - National Semiconductor (TI) LP38859 Datasheet HTML 5Page - National Semiconductor (TI) LP38859 Datasheet HTML 6Page - National Semiconductor (TI) LP38859 Datasheet HTML 7Page - National Semiconductor (TI) LP38859 Datasheet HTML 8Page - National Semiconductor (TI) LP38859 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ordering Information
V
OUT *
Order Number
Package Type
Package Drawing
Supplied As
0.8V
LP38859S-0.8
TO263-5
TS5B
Rail of 45
LP38859SX-0.8
TO263-5
TS5B
Tape and Reel of 500
LP38859T-0.8
TO220-5
T05D
Rail of 45
1.2V
LP38859S-1.2
TO263-5
TS5B
Rail of 45
LP38859SX-1.2
TO263-5
TS5B
Tape and Reel of 500
LP38859T-1.2
TO220-5
T05D
Rail of 45
* For custom VOUT values between 0.8V and 1.2V please contact the National Semiconductor Sales Office.
Connection Diagrams
20131202
TO263–5, Top View
20131203
TO220–5, Top View
Pin Descriptions
TO220–5 and TO263–5 Packages
Pin #
Pin Symbol
Pin Description
1
SS
Soft-Start capacitor connection. Used to slow the rise time of V
OUT at turn-on.
2
IN
The unregulated voltage input pin.
3
GND
Ground
4
OUT
The regulated output voltage pin.
5
BIAS
The supply for the internal control and reference circuitry.
TAB
TAB
The TAB is a thermal connection that is physically attached to the backside of
the die, and used as a thermal heat-sink connection. See the Application
Information section for details.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com