Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38859 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38859 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP38859 Datasheet HTML 1Page - National Semiconductor (TI) LP38859 Datasheet HTML 2Page - National Semiconductor (TI) LP38859 Datasheet HTML 3Page - National Semiconductor (TI) LP38859 Datasheet HTML 4Page - National Semiconductor (TI) LP38859 Datasheet HTML 5Page - National Semiconductor (TI) LP38859 Datasheet HTML 6Page - National Semiconductor (TI) LP38859 Datasheet HTML 7Page - National Semiconductor (TI) LP38859 Datasheet HTML 8Page - National Semiconductor (TI) LP38859 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Typical Performance Characteristics Unless otherwise specified: T
J = 25˚C, VIN =VOUT(NOM) + 1V,
V
BIAS = 3.0V, IOUT = 10 mA, CIN =COUT = 10 µF Ceramic, CBIAS = 1 µF Ceramic, CSS = open.
V
BIAS Ground Pin Current (IGND(BIAS))vsVBIAS
V
BIAS Ground Pin Current (IGND(BIAS)) vs Temperature
20131287
20131261
V
IN Ground Pin Current vs Temperature
Load Regulation vs Temperature
20131262
20131263
Dropout Voltage (V
DO) vs Temperature
Output Current Limit (I
SC) vs Temperature
20131265
20131266
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com