Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38859 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38859 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP38859 Datasheet HTML 6Page - National Semiconductor (TI) LP38859 Datasheet HTML 7Page - National Semiconductor (TI) LP38859 Datasheet HTML 8Page - National Semiconductor (TI) LP38859 Datasheet HTML 9Page - National Semiconductor (TI) LP38859 Datasheet HTML 10Page - National Semiconductor (TI) LP38859 Datasheet HTML 11Page - National Semiconductor (TI) LP38859 Datasheet HTML 12Page - National Semiconductor (TI) LP38859 Datasheet HTML 13Page - National Semiconductor (TI) LP38859 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Application Information (Continued)
(8)
where
θ
JA is the required total thermal resistance from the
junction to the ambient air,
θ
CH is the thermal resistance from
the case to the surface of the heart-sink, and
θ
JC is the
thermal resistance from the junction to the surface of the
case.
For this equation,
θ
JC is about 3˚C/W for a TO-220 package.
The value for
θ
CH depends on method of attachment, insu-
lator, etc.
θ
CH varies between 1.5˚C/W to 2.5˚C/W. Consult
the heat-sink manufacturer datasheet for details and recom-
mendations.
Heat-Sinking The TO-263 Package
The TO-263 package has a
θ
JA rating of 60˚C/W, and a
θ
JC
rating of 3˚C/W. These ratings are for the package only, no
additional heat-sinking, and with no airflow.
The TO-263 package uses the copper plane on the PCB as
a heat-sink. The tab of this package is soldered to the copper
plane for heat sinking. shows a curve for the
θ
JA of TO-263
package for different copper area sizes, using a typical PCB
with 1 ounce copper and no solder mask over the copper
area for heat-sinking.
Figure 2 shows that increasing the copper area beyond 1
square inch produces very little improvement. The minimum
value for
θ
JA for the TO-263 package mounted to a PCB is
32˚C/W.
Figure 3 shows the maximum allowable power dissipation
for TO-263 packages for different ambient temperatures,
assuming
θ
JA is 35˚C/W and the maximum junction tempera-
ture is 125˚C.
20131225
FIGURE 2.
θ
JA vs Copper (1 Ounce) Area for the
TO-263 package
20131226
FIGURE 3. Maximum power dissipation vs ambient
temperature for the TO-263 package
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com