Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0111MA2AL3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # P0111MA2AL3
Description  Sensitive high immunity SCRs up to 0.8 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0111MA2AL3 Datasheet(HTML) 8 Page - STMicroelectronics

  P0111MA2AL3 Datasheet HTML 1Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 2Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 3Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 4Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 5Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 6Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 7Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 8Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
P011xx
8/9
4
Ordering information
5
Revision history
Table 7.
Ordering information
Order code
Marking
Package
Weight
Base qty
Packing mode
P0111DA 1AA3
P0111 DA
TO-92
0.2 g
2500
BAG
P0111DA 5AL3
P0111 DA
TO-92
0.2 g
2000
Tape and reel 13 inch
P0111DN 5AA4
P1D
SOT-223
0.11 g
1000
Tape and reel 7 inch
P0111MA 1AA3
P0111 MA
TO-92
0.2 g
2500
Bag
P0111MA2AL3(1)
1.
This order code has no space.
P0111 MA
TO-92
0.2 g
2000
Ammopack
P0111MN 5AA4
P1M
SOT-223
0.11 g
1000
Tape and reel 7 inch
P0115DA 1AA3
P0115 DA
TO-92
0.2 g
2500
Bag
P0115DA 5AL3
P0115 DA
TO-92
0.2 g
2000
Tape and reel 13 inch
P0118DA 1AA3
P0118 DA
TO-92
0.2 g
2500
Bag
P0118DA 5AL3
P0118 DA
TO-92
0.2 g
2000
Tape and reel 13 inch
P0118DN 5AA4
P8D
SOT-223
0.11 g
1000
Tape and reel 7 inch
P0118MA 2AL3
P0118 MA
TO-92
0.2 g
2000
Ammopack
P0118MA 5AL3
P0118 MA
TO-92
0.2 g
2000
Tape and reel 13 inch
Table 8.
Document revision history
Date
Revision
Description of changes
26-Jan-2009
1
First issue.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com