Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0111MA2AL3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # P0111MA2AL3
Description  Sensitive high immunity SCRs up to 0.8 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0111MA2AL3 Datasheet(HTML) 1 Page - STMicroelectronics

  P0111MA2AL3 Datasheet HTML 1Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 2Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 3Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 4Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 5Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 6Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 7Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 8Page - STMicroelectronics P0111MA2AL3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
January 2009
Rev 1
1/9
9
P011xx
Sensitive high immunity SCRs up to 0.8 A
Features
■ IT(RMS) up to 0.8 A
■ VDRM/VRRM 400 and 600 V
■ IGT from 0.5 to 25 µA
Description
Thanks to highly sensitive triggering levels, the
P011xx SCR series is suitable for all applications
where available gate current is limited, such as
ground fault circuit interruptors, pilot circuits in
solid state relays, standby mode power supplies,
smoke and alarm detectors.
Available in through-hole or surface-mount
packages, the voltage capability of this series has
been upgraded since its introduction and is now
available up to 600 V.
TO-92
(P011xxA)
SOT-223
(P011xxN)
A
K
G
A
A
K
G
A
K
G
Table 1.
Device summary
Order code
Voltage
Sensitivity
Package
400 V
600 V
Min.
Max.
P0111DA 1AA3
X
4 µA
25 µA
TO-92
P0111DA 5AL3
X
4 µA
25 µA
TO-92
P0111DN 5AA4
X
4 µA
25 µA
SOT-223
P0111MA 1AA3
X
4 µA
25 µA
TO-92
P0111MA2AL3(1)
X
4 µA
25 µA
TO-92
P0111MN 5AA4
X
4 µA
25 µA
SOT-223
P0115DA 1AA3
X
15 µA
50 µA
TO-92
P0115DA 5AL3
X
15 µA
50 µA
TO-92
P0118DA 1AA3
X
0.5 µA
5 µA
TO-92
P0118DA 5AL3
X
0.5 µA
5 µA
TO-92
P0118DN 5AA4
X
0.5 µA
5 µA
SOT-223
P0118MA 2AL3
X
0.5 µA
5 µA
TO-92
P0118MA 5AL3
X
0.5 µA
5 µA
TO-92
1.
This order code has no space.
www.st.com


Similar Part No. - P0111MA2AL3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0111MA2AL3 STMICROELECTRONICS-P0111MA2AL3 Datasheet
177Kb / 6P
0.8A SCRs
Sep-2000
More results

Similar Description - P0111MA2AL3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
Sensitive Triacs (0.8 A to 8 A)
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
0.8 A sensitive gate SCRs
01-Apr-2008
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
logo
Littelfuse
S4S2RP LITTELFUSE-S4S2RP Datasheet
980Kb / 10P
Teccor brand Thyristors 0.8 Amp Sensitive SCRs
SXX8BBS LITTELFUSE-SXX8BBS Datasheet
537Kb / 6P
Thyristors EV Series 0.8 Amp Sensitive SCRs
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
logo
STMicroelectronics
P0109AL STMICROELECTRONICS-P0109AL Datasheet
364Kb / 8P
Sensitive high immunity 0.25 A SCR Thyristor
Rev 2 August 2017
P0109DA STMICROELECTRONICS-P0109DA Datasheet
170Kb / 9P
0.8 A 400 V high immunity sensitive SCR thyristor in TO-92
16-Jun-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com