Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5289 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5289
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5289 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5289 Datasheet HTML 1Page - Renesas Technology Corp 2SC5289 Datasheet HTML 2Page - Renesas Technology Corp 2SC5289 Datasheet HTML 3Page - Renesas Technology Corp 2SC5289 Datasheet HTML 4Page - Renesas Technology Corp 2SC5289 Datasheet HTML 5Page - Renesas Technology Corp 2SC5289 Datasheet HTML 6Page - Renesas Technology Corp 2SC5289 Datasheet HTML 7Page - Renesas Technology Corp 2SC5289 Datasheet HTML 8Page - Renesas Technology Corp 2SC5289 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DATA SHEET
SILICON TRANSISTOR
The 2SC5289 is ideal for the final stage amplifier in 1.9G Hz-band digital
cordless phones (DECT, PHS, etc.).
FEATURES
•P–1 = 27 dBm TYP.
@f = 1.9 GHz, VCC = 3.6 V, ICq = 1 mA (Class AB), Duty = 1/8
•
4-Pin Mini Mold Package
EIAJ: SC-61
ORDERING INFORMATION
Part Number
Quantity
Packing Style
2SC5289-T1
3 Kpcs/Reel
Embossed tape 8 mm wide.
Pin 3 (Base), Pin 4 (Emitter) face
to perforation side of the tape.
Remark
To order evaluation samples, contact your nearby sales office.
(Unit sample quantity is 50 pcs.)
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
9.0
V
Collector to Emitter Voltage
VCEO
6.0
V
Emitter to Base Voltage
VEBO
2.0
V
Collector Current
IC
300
mA
Total Power Dissipation
PT
200 (CW)
mW
1.2 (duty = 1/8)Note
W
3.0 (duty = 1/24)Note
W
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
Note Pulse period is 10 msec or less.
2SC5289
NPN SILICON EPITAXIAL TRANSISTOR
FOR L-BAND LOW-POWER AMPLIFIER
PACKAGE DRAWING
(Unit: mm)
Document No. PU10040EJ01V0DS (1st edition)
(Previous No. P10250EJ2V0DS00)
Date Published October 2001 CP(K)
Printed in Japan
2.8
+0.2
–0.3
1.5
+0.2
–0.1
5°
5°
5°
5°
PIN CONNECTIONS
1. Collector
2. Emitter
3. Base
4. Emitter
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
 NEC Corporation 1995
 NEC Compound Semiconductor Devices 2001
The mark
shows major revised points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com