Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5289 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5289
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5289 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5289 Datasheet HTML 4Page - Renesas Technology Corp 2SC5289 Datasheet HTML 5Page - Renesas Technology Corp 2SC5289 Datasheet HTML 6Page - Renesas Technology Corp 2SC5289 Datasheet HTML 7Page - Renesas Technology Corp 2SC5289 Datasheet HTML 8Page - Renesas Technology Corp 2SC5289 Datasheet HTML 9Page - Renesas Technology Corp 2SC5289 Datasheet HTML 10Page - Renesas Technology Corp 2SC5289 Datasheet HTML 11Page - Renesas Technology Corp 2SC5289 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2SC5289
6
Data Sheet PU10040EJ01V0DS
(VCE = 3.6 V, IC = 100 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
811.66 mU
136.12
1.9697 U
49.003
107.38
mU
47.804
605.34 mU
158.29
1 600.000 000
814.26 mU
133.43
1.8813 U
46.439
113.38
mU
46.29
610.91 mU
156.55
1 700.000 000
818.45 mU
131.04
1.7121 U
43.815
119.26
mU
44.804
615.04 mU
155.21
1 800.000 000
820.54 mU
128.48
1.6163 U
41.259
123.58
mU
43.22
619.69 mU
153.57
1 900.000 000
824.22 mU
126.03
1.5227 U
38.087
129.16
mU
42.119
623.96 mU
151.68
2 000.000 000
828.13 mU
123.78
1.4383 U
36.568
133.74
mU
40.513
626.33 mU
150.24
2 100.000 000
831.24 mU
121.67
1.3657 U
34.401
137.58
mU
39.212
635.21 mU
148.57
2 200.000 000
833.15 mU
119.38
1.2999 U
32.191
142.12
mU
37.807
635.78 mU
147.17
2 300.000 000
835.39 mU
117.42
1.232
U
29.872
146.24
mU
36.259
640.55 mU
145.67
2 400.000 000
838.01 mU
115.39
1.1855 U
27.857
150.55
mU
34.921
644.12 mU
144.38
2 500.000 000
841.32 mU
113.33
1.1384 U
25.845
154.24
mU
33.691
651.67 mU
143.26
(VCE = 3.6 V, IC = 120 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
813.57 mU
135.96
1.9455 U
48.984
108.18
mU
48.385
614.69 mU
158.01
1 600.000 000
816.62 mU
133.29
1.8105 U
46.497
113.89
mU
47.178
616.3
mU
156.31
1 700.000 000
818.87 mU
130.77
1.6937 U
43.778
119.24
mU
45.229
620.14 mU
154.6
1 800.000 000
822.29 mU
128.31
1.5976 U
41.362
124.45
mU
44.199
624.25 mU
153.27
1 900.000 000
826.68 mU
125.87
1.5032 U
39.125
128.74
mU
42.33
628.44 mU
151.55
2 000.000 000
829.06 mU
123.66
1.4259 U
36.705
134.73
mU
41.256
629.25 mU
150.25
2 100.000 000
833.73 mU
121.53
1.3524 U
34.544
138.42
mU
39.367
639.79 mU
148.21
2 200.000 000
834.92 mU
119.23
1.2885 U
32.201
142.75
mU
38.267
642.22 mU
146.78
2 300.000 000
836.52 mU
117.34
1.2192 U
29.821
147.57
mU
36.681
645.15 mU
145.54
2 400.000 000
840.11 mU
115.29
1.1746 U
27.779
150.95
mU
35.369
652.07 mU
144.33
2 500.000 000
841.88 mU
113.25
1.1257 U
25.995
155.15
mU
34.088
653.43 mU
143.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com