Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5289 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 2SC5289
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5289 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 2SC5289 Datasheet HTML 6Page - Renesas Technology Corp 2SC5289 Datasheet HTML 7Page - Renesas Technology Corp 2SC5289 Datasheet HTML 8Page - Renesas Technology Corp 2SC5289 Datasheet HTML 9Page - Renesas Technology Corp 2SC5289 Datasheet HTML 10Page - Renesas Technology Corp 2SC5289 Datasheet HTML 11Page - Renesas Technology Corp 2SC5289 Datasheet HTML 12Page - Renesas Technology Corp 2SC5289 Datasheet HTML 13Page - Renesas Technology Corp 2SC5289 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2SC5289
Data Sheet PU10040EJ01V0DS
9
(REFERENCE PERFORMANCE)
0
5
10
15
20
25
Pin (dBm)
20
15
10
5
0
1
2
4
50
100
150
250
VCE = 3.0 V, Icq = 8 mA (RF OFF)
f = 1.9 GHz, NEC TEST BOARD
Input:
π/4 DQPSKMOD. 384 Kbps, α = 0.5
PN9
∆f = ±600 kHz, <CW>
Pout
Padj (Low)
Padj (Up)
IC
IB
–45
–50
–55
–60
–65
–70
–75
0
3
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com