Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC000706 Datasheet(PDF) 1 Page - Amphenol Sine Systems Corp.

Part # SC000706
Description  2.4MM, FEMALE SURESOCKET™ MACHINED SOCKET, 18-20AWG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

SC000706 Datasheet(HTML) 1 Page - Amphenol Sine Systems Corp.

  SC000706 Datasheet HTML 1Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
RELEASED DRAWING
APR-16-2020
BLINK
A1
-
MATERIALS LIST
SIZE
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
UNLESS OTHERWISE SPECIFIED
3 PL DEC ±0.08
1) All dimensions are in metric(mm).
2) Tolerances are as follows:
1 PL DEC ±0.30
2 PL DEC ±0.15
QUANTITY
SIGNATURES
Fractions ±1/64
Angles ±1°
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
DATE
PART NUMBER
REVISION
DWG NO:
C-
TYPE
SHEET
OF
ITEM
DESCRIPTION
Sine Systems - www.amphenol-sine.com
44724 Morley Drive
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
Amphenol
Clinton Township, MI 48036
X
3) Note reference =
2.4MM, FEMALE SURESOCKET™
MACHINED SOCKET, 18-20AWG
B
SC000706
A1
1
1
BLINK
APR-15-2020
ORION
APR-17-2020
TOMMY
APR-20-2020
NONE
TOMMY
NOTES:(UNLESS OTHERWISE SPECIFIED)
1 . MATERIAL:
1 .1 CONTACT BODY:COPPER ALLOY, SILVER PLATED.
1 .2 CROWN SRPRING CONTACT:COPPER ALLOY, GOLD FLASH.
2. SPECIFICATIONS:
2.1 CURRENT RATING:1 2A(MAX).
2.2 TERMINATION TYPE:CRIMPING.
2.3 WIRE RANGE:1 8~20AWG .
3. SUITABLE SOCKET TYPE:SC00061 1 & SC000565.
4.
RoHS COMPLIANT.
5.
ALL DIMENSIONS ARE FOR REFERENCE USE ONLY.


Similar Part No. - SC000706

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
SC000706 ASS-SC000706 Datasheet
2Mb / 6P
Panel Rack Mount Power Connectors
SC000706 ASS-SC000706 Datasheet
276Kb / 1P
KIT, 2 POSN, F/M PLUG, SCKT PRM SERIES™MACH CONT, MATES WITH PRM2400-G2-PNL
Rev. A1
More results

Similar Description - SC000706

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SS-110-T-3 SAMTEC-SS-110-T-3 Datasheet
453Kb / 1P
PRECISION MACHINED SOCKET STRIPS
SD-112-G-21C SAMTEC-SD-112-G-21C Datasheet
453Kb / 1P
PRECISION MACHINED SOCKET STRIPS
SS-125-S-2 SAMTEC-SS-125-S-2 Datasheet
453Kb / 1P
PRECISION MACHINED SOCKET STRIPS
logo
Assmann Electronics Inc...
AR18-HGL-TT-R ASSMANN-AR18-HGL-TT-R Datasheet
333Kb / 1P
IC-Socket, 18 Pin, Machined Contact
logo
Samtec, Inc
SS-126-S-2 SAMTEC-SS-126-S-2 Datasheet
453Kb / 1P
PRECISION MACHINED SOCKET STRIPS
logo
Adam Technologies, Inc.
SMC-1R-XX-1-GT-HT ADAM-TECH-SMC-1R-XX-1-GT-HT Datasheet
98Kb / 1P
MACHINED FEMALE HEADER
2SMC-2R-XX-1-GT ADAM-TECH-2SMC-2R-XX-1-GT Datasheet
105Kb / 1P
MACHINED FEMALE HEADER
logo
Pasternack Enterprises,...
PE35654LF-18 PASTERNACK-PE35654LF-18 Datasheet
638Kb / 4P
2.4mm Male to 2.4mm Female Cable 18 Inch
logo
Amphenol Sine Systems C...
SC000612 ASS-SC000612 Datasheet
195Kb / 1P
2.4MM, FEMALE SURESOCKET™ MACHINED CONTACT, 10-12AWG
Rev. A2
SC000692 ASS-SC000692 Datasheet
191Kb / 1P
2.4MM, FEMALE SURESOCKET™ MACHINED CONTACT, 14-16AWG
Rev. A1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com