Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTN10 Datasheet(PDF) 1 Page - CUI Devices

Part # PTN10
Description  ROTARY POTENTIOMETER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PTN10 Datasheet(HTML) 1 Page - CUI Devices

  PTN10 Datasheet HTML 1Page - CUI Devices PTN10 Datasheet HTML 2Page - CUI Devices PTN10 Datasheet HTML 3Page - CUI Devices PTN10 Datasheet HTML 4Page - CUI Devices PTN10 Datasheet HTML 5Page - CUI Devices PTN10 Datasheet HTML 6Page - CUI Devices PTN10 Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
date 08/05/2022
page 1 of 7
SERIES: PTN10 | DESCRIPTION: ROTARY POTENTIOMETER
cuidevices.com
FEATURES
• carbon element
• dust proof enclosure
• multiple rotor options
• linear, logarithmic, and reverse logarithmic tapers
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
maximum operating voltage
200
Vdc
power rating
at 70°C
0.15
W
taper
linear, logarithmic, and reverse logarithmic
standard resistance range
see Resistance Table
1.0
2,000
kΩ
standard resistance tolerance
±10% or ±20%, see Part Number Key
residual resistance
10
Ω
sliding noise
68
mV
operating temperature
-10
70
°C
hand soldering
for 3 seconds max
350
°C
wave soldering
for 5±1 seconds
255
260
265
°C
RoHS
yes
MECHANICAL
parameter
conditions/description
min
typ
max
units
mechanical angle
225
235
245
°
rotational torque
10
80
gf-cm
stop strength
400
gf-cm
rotational life
10,000
cycles
weight
varies by model
0.5
0.7
g
Additional Resources: Product Page


Similar Part No. - PTN10

ManufacturerPart #DatasheetDescription
logo
CUI INC
PTN10 CUI-PTN10 Datasheet
466Kb / 7P
ROTARY POTENTIOMETER
06/22/2022
logo
Same Sky Devices
PTN10 SAMESKY-PTN10 Datasheet
384Kb / 7P
TRIMMER POTENTIOMETER
09/12/2024
logo
CUI INC
PTN10-A01CA10 CUI-PTN10-A01CA10 Datasheet
466Kb / 7P
ROTARY POTENTIOMETER
06/22/2022
logo
Same Sky Devices
PTN10-A01CA10 SAMESKY-PTN10-A01CA10 Datasheet
384Kb / 7P
TRIMMER POTENTIOMETER
09/12/2024
logo
CUI INC
PTN10-A01CA20 CUI-PTN10-A01CA20 Datasheet
466Kb / 7P
ROTARY POTENTIOMETER
06/22/2022
More results

Similar Description - PTN10

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01_14 Datasheet
270Kb / 2P
ROTARY POTENTIOMETER
R12A11V01 PRODUCTWELL-R12A11V01_14 Datasheet
297Kb / 2P
ROTARY POTENTIOMETER
R12712BS1 PRODUCTWELL-R12712BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723BS1 PRODUCTWELL-R12723BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723CS1 PRODUCTWELL-R12723CS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R16311DB1 PRODUCTWELL-R16311DB1_14 Datasheet
128Kb / 2P
ROTARY POTENTIOMETER
R16311EB1 PRODUCTWELL-R16311EB1_14 Datasheet
125Kb / 2P
ROTARY POTENTIOMETER
R16312DB2 PRODUCTWELL-R16312DB2_14 Datasheet
128Kb / 2P
ROTARY POTENTIOMETER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com