Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTN10 Datasheet(PDF) 2 Page - CUI Devices

Part # PTN10
Description  ROTARY POTENTIOMETER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PTN10 Datasheet(HTML) 2 Page - CUI Devices

  PTN10 Datasheet HTML 1Page - CUI Devices PTN10 Datasheet HTML 2Page - CUI Devices PTN10 Datasheet HTML 3Page - CUI Devices PTN10 Datasheet HTML 4Page - CUI Devices PTN10 Datasheet HTML 5Page - CUI Devices PTN10 Datasheet HTML 6Page - CUI Devices PTN10 Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CUI DEVICES | SERIES: PTN10 | DESCRIPTION: ROTARY POTENTIOMETER
date 08/05/2022 | page 2 of 7
cuidevices.com
SCHEMATIC/TAPERS
1
2
3
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A (Reverse Logarithmic Tapers)
Rotational Travel (%)
15A
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
B (Linear Tapers)
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
C (Logarithmic Tapers)
Rotational Travel (%)
Rotational Travel (%)
Resistance Table
Resistance (KΩ)
Code
1
01
2
02
5
05
10
10
20
20
25
25
50
50
100
100
200
200
500
500
1,000
11
2,000
22
PART NUMBER KEY
Base Number
PTN10 - X XX X X XX
Terminal Configuration:
A = Vertical, Straight Inward Terminals
B = Vertical, Crimped Terminals
C = Vertical, Straight Outward Terminals
D = Horizontal, Crimped Terminals
E = Horizontal, Straight Terminals
Resistance:
01 = 1 kΩ
02 = 2 kΩ
05 = 5 kΩ
10 = 10 kΩ
20 = 20 kΩ
25 = 25 kΩ
50 = 50 kΩ
100 = 100 kΩ
200 = 200 kΩ
500 = 500 kΩ
11 = 1 MΩ
22 = 2 MΩ
Tolerance:
10 = ±10%
20 = ±20%
Rotor Type:
S = Screwdriver
H = Hexagonal
C = Cross Slot
D = D-Cut
Resistance Taper:
A = Reverse Logarithmic
B = Linear
C = Logarithmic
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com