Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTN10 Datasheet(PDF) 4 Page - CUI Devices

Part # PTN10
Description  ROTARY POTENTIOMETER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PTN10 Datasheet(HTML) 4 Page - CUI Devices

  PTN10 Datasheet HTML 1Page - CUI Devices PTN10 Datasheet HTML 2Page - CUI Devices PTN10 Datasheet HTML 3Page - CUI Devices PTN10 Datasheet HTML 4Page - CUI Devices PTN10 Datasheet HTML 5Page - CUI Devices PTN10 Datasheet HTML 6Page - CUI Devices PTN10 Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CUI DEVICES | SERIES: PTN10 | DESCRIPTION: ROTARY POTENTIOMETER
date 08/05/2022 | page 4 of 7
cuidevices.com
MECHANICAL DRAWING (VERTICAL, CRIMPED TERMINALS)
2.5
2.5
10.3
1
4.8
2.5
2.5
1.3
A
E
S
A
E
S
0.9-0.1
Detail
Recommended PCB Layout
Top View
MECHANICAL DRAWING (VERTICAL, STRAIGHT OUTWARD TERMINALS)
+0.1
2.5
2.5
4.8
+0.2
5
10.3
1+0.1
5
1.3 +0.1
A
E
S
A
E
S
Recommended PCB Layout
Top View
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
A
housing
PA6 (UL94HB)
black
B
terminals
steel
tin
C
reed
tin bronze
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
A
housing
PA6 (UL94HB)
black
B
terminals
steel
tin
C
reed
tin bronze
units: mm
tolerance:
X≤10: ±0.3 mm
10<X≤30: ±0.5 mm
30<X≤100: ±1.0 mm
unless otherwise noted
units: mm
tolerance:
X≤10: ±0.3 mm
10<X≤30: ±0.5 mm
30<X≤100: ±1.0 mm
unless otherwise noted
TERMINAL CONNECTIONS
TERMINAL
DESCRIPTION
A
Initial
S
Wiper
E
Final
TERMINAL CONNECTIONS
TERMINAL
DESCRIPTION
A
Initial
S
Wiper
E
Final
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com