Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3S01PHD Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST3S01PHD
Description  BATTERY CHARGE I.C.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3S01PHD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST3S01PHD Datasheet HTML 2Page - STMicroelectronics ST3S01PHD Datasheet HTML 3Page - STMicroelectronics ST3S01PHD Datasheet HTML 4Page - STMicroelectronics ST3S01PHD Datasheet HTML 5Page - STMicroelectronics ST3S01PHD Datasheet HTML 6Page - STMicroelectronics ST3S01PHD Datasheet HTML 7Page - STMicroelectronics ST3S01PHD Datasheet HTML 8Page - STMicroelectronics ST3S01PHD Datasheet HTML 9Page - STMicroelectronics ST3S01PHD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ST3S01PHD
6/17
POSSIBLE OPERATING MODE
ELECTRICAL CHARACTERISTICS OF REVERSE SWITCH (TA = -40 to 85°C, unless otherwise
specified.)
CMD-PWM
CMD-MODE
CMD-REVERSE
Operating Function Selected
0
0
0
PRECHARGE
0
0
1
PRECHARGE + REVERSE
0
1
0
CHARGE
0
1
1
CHARGE + REVERSE
1
0
0
SWITCH OPEN
1
0
1
REVERSE
1
1
0
SWITCH OPEN
1
1
1
REVERSE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBATT
Reverse Block Operating
Input Voltage
2.5
6
V
VDROP
Dropout Voltage
VBATT=3V
IREVERSE=800mA
VCMD-REVERSE=1.9V, VCMD-PWM=1.9V
VCMD-MODE=1.9V
130
200
mV
ILEAKAGE
Reverse Leakage Current
(from VCHARGE to VBATT,
tested on VBATT pin)
VBATT=0V
VCHARGE=9V
VCMD-REVERSE=1.9V, VCMD-PWM=1.9V
VCMD-MODE=1.9V
01
µA
VIH
CMD-REVERSE Logic
High (Switch ON)
VBATT=3V
IREVERSE=10mA
VCMD-PWM=1.9V VCMD-MODE=1.9V
1.2
V
VIL
CMD-REVERSE Logic
Low (Switch OFF)
VBATT=3V
IREVERSE=10mA
VCMD-PWM=1.9V VCMD-MODE=1.9V
0.4
V
VTH
CMD-REVERSE Logic
Typical Threshold
VBATT=3V
IREVERSE=10mA
VCMD-PWM=1.9V VCMD-MODE=1.9V
0.75
V
ICMD-REV
CMD-REV Input Current
VBATT=3V
IREVERSE=10mA
VCMD-REVERSE=1.9V, VCMD-PWM=1.9V
VCMD-MODE=1.9V
1
1.9
3
µA
VBATT=5V
IREVERSE=10mA
VCMD-REVERSE=1.9V, VCMD-PWM=1.9V
VCMD-MODE=1.9V
10
µA
tON-OFF
Response Time
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com