Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3S01PHD Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST3S01PHD
Description  BATTERY CHARGE I.C.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3S01PHD Datasheet(HTML) 3 Page - STMicroelectronics

  ST3S01PHD Datasheet HTML 1Page - STMicroelectronics ST3S01PHD Datasheet HTML 2Page - STMicroelectronics ST3S01PHD Datasheet HTML 3Page - STMicroelectronics ST3S01PHD Datasheet HTML 4Page - STMicroelectronics ST3S01PHD Datasheet HTML 5Page - STMicroelectronics ST3S01PHD Datasheet HTML 6Page - STMicroelectronics ST3S01PHD Datasheet HTML 7Page - STMicroelectronics ST3S01PHD Datasheet HTML 8Page - STMicroelectronics ST3S01PHD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ST3S01PHD
3/17
PIN DESCRIPTION
OPERATING MODE
Pin N°
Symbol
Name and Function
1VBATT
BATTERY pin: input pin when reverse mode is selected; output pin when in
charge or precharge mode
2
CMD-REVERSE Reverse Command pin: Enables the reverse mode when connected to a positive
voltage higher than 1.2V. Logic pin internally pulled down.
3
CMD-PWM
PWM Command pin: allows to control the precharge or charge switch in PWM
mode (refer to the Table 1 for the different operating modes). Logic pin internally
pulled down.
4
CMD-MODE
Mode Command pin: allows to switch between precharge and charge mode (refer
to OPERATING MODES Table). Logic pin internally pulled down.
5
GND
GND Pin
6
CHARGER-OK
CHARGER-OK output pin; open drain N-channel MOSFET that is in high
impedance when the VCHARGE voltage drops below 2.5V and CMD-REVERSE is
low. When the reverse function is activated, this open drain have the same
information of the (VCHARGE -VBATT) FLAG.
7
FLAG
FLAG pin (VCHARGE -VBATT): open drain N-channel MOSFET that sinks current
when the VCHARGE voltage is higher than the VBATT.
8VCHARGE
CHARGER SUPPLY pin: input pin when charge or precharge mode is selected;
output pin when in reverse mode.
CMD-PWM
CMD-MODE
Operating Function Selected
0
0
PRECHARGE MODE (Default state)
0
1
CHARGE MODE
1
0
CHARGE and PRECHARGE switches are open
1
1
CHARGE and PRECHARGE switches are open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com