Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3S01PHD Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3S01PHD
Description  BATTERY CHARGE I.C.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3S01PHD Datasheet(HTML) 1 Page - STMicroelectronics

  ST3S01PHD Datasheet HTML 1Page - STMicroelectronics ST3S01PHD Datasheet HTML 2Page - STMicroelectronics ST3S01PHD Datasheet HTML 3Page - STMicroelectronics ST3S01PHD Datasheet HTML 4Page - STMicroelectronics ST3S01PHD Datasheet HTML 5Page - STMicroelectronics ST3S01PHD Datasheet HTML 6Page - STMicroelectronics ST3S01PHD Datasheet HTML 7Page - STMicroelectronics ST3S01PHD Datasheet HTML 8Page - STMicroelectronics ST3S01PHD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
September 2003
s
DEDICATED I.C. FOR 1 LI-ION CELL OR 3
NI-MH CELLS
s
5 DIFFERENT OPERATING MODES
s
150 mA PRECHARGE CURRENT
s
VERY LOW DROP CHARGE SWITCH
(130mV @ 800mA)
s
VERY LOW DROP REVERSE SWITCH
(130mV @ 800mA)
s
5.7V OVER BATTERY OVER VOLTAGE
PROTECTION
s
CHARGER DETECTION MODE
s
(VCHARGE-VBATT)DETECTION MODE
DESCRIPTION
This specification describes a dedicated I.C.
which allows to charge 1 Lilon cell or 3 Nimh cells.
The principle used to charge the batteries is the
pulsed current, the monitoring is operated by the
micro-controller
of
the
application.
This
IC
integrates one Power Switch and achieves the
charge batteries in two different modes charge or
precharge.
One of this operating mode (charge or precharge)
can be selected in a static or pulsed way by one I/
O from a micro-controller. The IC can supply
power to accessories controlled by this I.C. in
Reverse mode. The I.C. is available in the smaller
and surface mounted SO-8 (exposed pad version)
package.
ST3S01PHD
BATTERY CHARGE I.C.
SCHEMATIC DIAGRAM
SO-8
exposed pad


Similar Part No. - ST3S01PHD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3S01 STMICROELECTRONICS-ST3S01 Datasheet
603Kb / 17P
BATTERY CHARGE I.C.
Mar-2003
ST3S01LED STMICROELECTRONICS-ST3S01LED Datasheet
603Kb / 17P
BATTERY CHARGE I.C.
Mar-2003
More results

Similar Description - ST3S01PHD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3S01LED STMICROELECTRONICS-ST3S01LED Datasheet
603Kb / 17P
BATTERY CHARGE I.C.
Mar-2003
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
Battery Charge Controller
logo
STMicroelectronics
VIPER31SP STMICROELECTRONICS-VIPER31SP Datasheet
161Kb / 16P
BATTERY CHARGER PRIMARY I.C.
Jan-1998
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
Battery Charge Controller
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com