Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYK-0505S/H Datasheet(PDF) 1 Page - Recom International Power

Part # RYK-0505S/H
Description  1 Watt SIP7 Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RYK-0505S/H Datasheet(HTML) 1 Page - Recom International Power

  RYK-0505S/H Datasheet HTML 1Page - Recom International Power RYK-0505S/H Datasheet HTML 2Page - Recom International Power RYK-0505S/H Datasheet HTML 3Page - Recom International Power RYK-0505S/H Datasheet HTML 4Page - Recom International Power RYK-0505S/H Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.recom-power.com
REV.: 0/2023
ECO-1
DC/DC Converter
1 Watt
SIP7
Single Output
E224736
Description
The RYK DC/DC converters are typically used in cost sensitive general purpose power isolation and
voltage matching applications. Despite their low cost, they are fully specified converters with a built-in
linear regulator to give a regulated, load-independent output. The converters are equipped with 4kVdc
isolation, industrial operating temperature range of -40°C to +105°C without derating, and UL/EN
certifications.
Features
Regulated
Converters
• Low cost
• 1:1 Input voltage range
• Efficiency up to 81%
• 4kVDC/1 second isolation
• IEC/EN/UL 62368-1 certified
• Post regulated
RYK
Selection Guide
Part
nom. Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
RYK-0505S/H
5
5
200
81
3000
RYK-053.3S/H
5
3.3
303
75
3000
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max Cap Load is tested at nominal input and full resistive load
Model Numbering
Isolation
Single
nom. Input Voltage
Output Voltage
RYK-
S/H
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
REACH
compliant
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
RoHS 2+
compliant
10 from 10
UL62368-1 certified
CAN/CSA-C22.2 No. 62368-1 certified
IEC/EN62368-1 certified
EN55032 compliant
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
internal capacitors
Input Voltage Range
±10%
Absolute Maximum Input Voltage (3)
6VDC
Input Current
5Vout
3.3Vout
250mA
230mA
Start-up Time
50ms
Minimum Load
0%
Internal Operating Frequency
100% load
1MHz
Output Ripple and Noise (4)
20MHz BW
60mVp-p
continued on next page
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
Notes:
Note3: An 4.7µF/10V MLCC at input terminal is recommended if transient input voltage above 6VDC.
Note4: Measurements are made with a 0.1µF MLCC across output. (low ESR)


Similar Part No. - RYK-0505S/H

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RYK-10V471MG4T-FL TAIYO-YUDEN-RYK-10V471MG4T-FL Datasheet
247Kb / 2P
HORIZONTAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RYK]
RYK-10V471MG4TQ-FL TAIYO-YUDEN-RYK-10V471MG4TQ-FL Datasheet
247Kb / 2P
FOR AUTOMOTIVE HORIZONTAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RYK]
logo
Altera Corporation
RYK-10V561MG5T-FL ALTERA-RYK-10V561MG5T-FL Datasheet
97Kb / 1P
HORIZONTAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Taiyo Yuden (U.S.A.), I...
RYK-10V561MG5TT-FL TAIYO-YUDEN-RYK-10V561MG5TT-FL Datasheet
247Kb / 2P
HORIZONTAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RYK]
RYK-10V561MG5TTQ-FL TAIYO-YUDEN-RYK-10V561MG5TTQ-FL Datasheet
247Kb / 2P
FOR AUTOMOTIVE HORIZONTAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RYK]
More results

Similar Description - RYK-0505S/H

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-1.81.8S RECOM-RO-1.81.8S Datasheet
101Kb / 3P
1 Watt SIP4 & SIP7 Single Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
1 Watt SIP7 SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
1 Watt SIP7 Single & Dual Output
RE RECOM-RE Datasheet
98Kb / 2P
1 Watt SIP7 Single Output
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
1 Watt SIP7 Single Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
1 Watt SIP7 Single Output
REM1 RECOM-REM1 Datasheet
481Kb / 5P
1 Watt SIP7 Single Output
RFB RECOM-RFB Datasheet
381Kb / 4P
1 Watt SIP7 Single Output
RFMM RECOM-RFMM Datasheet
442Kb / 4P
1 Watt SIP7 Single Output
RKK RECOM-RKK Datasheet
618Kb / 4P
1 Watt SIP7 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com