Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYK-0505S/H Datasheet(PDF) 4 Page - Recom International Power

Part # RYK-0505S/H
Description  1 Watt SIP7 Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RYK-0505S/H Datasheet(HTML) 4 Page - Recom International Power

  RYK-0505S/H Datasheet HTML 1Page - Recom International Power RYK-0505S/H Datasheet HTML 2Page - Recom International Power RYK-0505S/H Datasheet HTML 3Page - Recom International Power RYK-0505S/H Datasheet HTML 4Page - Recom International Power RYK-0505S/H Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.recom-power.com
REV.: 0/2023
ECO-4
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RYK/H
Series
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
File Number
Standard
Audio/video, information and communication technology equipment. Safety
requirements
E518942-A6001-UL
UL62368-1:2014
CAN/CSA-C22.2 No. 62368-1:2014
Audio/Video, information and communication technology equipment - Part1:
Safety requirements (CB Scheme)
E518942-A6001-CB-1
IEC62368-1:2014 2nd Edition
Audio/Video, information and communication technology equipment - Part1:
Safety requirements (LVD)
EN62368-1:2014 + A11:2017
RoHS2+
RoHS-2011/65/EU + AM-2015/863
EMC Compliance
Condition
Standard / Criterion
Electromagnetic compatibility of multimedia equipment – Emission Requirements
with external filter
refer to
“EMC Filtering”
EN55032
Suggestions according to EN55032
L
2
CMC
1
C
1
+Vin
-Vin
+Vout
-Vout
C
4
C
3
C
2
+V
out
+V
in
-V
out
-V
in
EMC Filtering
Component List Class B
C1,C2
CMC1
L2
C3,C4
10µF
9µH
RLS-226, 22µH
470pF
Component List Class A
C2
L2
C3,C4
10µF
RLS-226, 22µH
470pF
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
case
black plastic, (UL94V-0)
PCB
FR4, (UL94V-0)
Dimension (LxWxH)
19.6 x 6.0 x 14.3mm
Weight
1.7g typ.
Dimension Drawing (mm)
Pinning Information
Pin #
Single
1
+Vin
2
-Vin
3,4,6
NC
5
-Vout
7
+Vout
NC= no connection
Tolerance:
xx.x= ±0.5mm
xx.xx= ±0.25mm
embossed logo
19.6
5
7
2
1
6X 2.54 =15.24
20.2 min.
2.22
2.54
4X Ø1.02±0.05
Top View
5
7
2
1
�0.64±0.1
6.0
Recommended Footprint Details



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com