Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYK-0505S/H Datasheet(PDF) 3 Page - Recom International Power

Part # RYK-0505S/H
Description  1 Watt SIP7 Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RYK-0505S/H Datasheet(HTML) 3 Page - Recom International Power

  RYK-0505S/H Datasheet HTML 1Page - Recom International Power RYK-0505S/H Datasheet HTML 2Page - Recom International Power RYK-0505S/H Datasheet HTML 3Page - Recom International Power RYK-0505S/H Datasheet HTML 4Page - Recom International Power RYK-0505S/H Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.recom-power.com
REV.: 0/2023
ECO-3
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RYK/H
Series
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
short circuit impedance
<0.1
W
Isolation Voltage (5)
I/P to O/P
1 second
4kVDC
1 minute
3kVDC
Isolation Resistance
I/P to O/P, VISO= 500VDC
1GΩ min.
Isolation Capacitance
I/P to O/P, 100kHz/0.1V
10pF typ.
Notes:
Note5: For repeat Hi-Pot testing, reduce the time and/or the test voltage
2.0
1.0
0
-1.0
1.5
0.5
-0.5
-1.5
-2.0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
4.5VDC
5.0VDC
5.5VDC
4
2
0
-2
3
1
-1
-3
-4
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
4.5VDC
5.0VDC
5.5VDC
RYK-0505S/H
RYK-053.3S/H
Deviation vs. Load
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
@ natural convection 0.1m/s
full load
-40°C to +105°C
Maximum Case Temperature
120°C
Operating Altitude
2000m
Operating Humidity
non-condensing
95% RH max.
Pollution Degree
PD2
MTBF
according to MIL-HDBK-217F, G.B.
+85°C
2500 x 10³ hours
Derating Graph
(@ Chamber and natural convection 0.1m/s)
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
120
100
105
110
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com