Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM5030VT-R10M-D Datasheet(PDF) 2 Page - TDK Electronics

Part # SPM5030VT-R10M-D
Description  Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM5030VT-R10M-D Datasheet(HTML) 2 Page - TDK Electronics

  SPM5030VT-R10M-D Datasheet HTML 1Page - TDK Electronics SPM5030VT-R10M-D Datasheet HTML 2Page - TDK Electronics SPM5030VT-R10M-D Datasheet HTML 3Page - TDK Electronics SPM5030VT-R10M-D Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20210705
(2/4)
inductor_automotive_power_spm5030vt-d_en.fm
INDUCTORS
SPM5030VT-D type
L FREQUENCY CHARACTERISTICS
Measurement equipment
* Equivalent measurement equipment may be used.
L VS. DC BIAS CHARACTERISTICS
Measurement equipment
* Equivalent measurement equipment may be used.
Product No.
Manufacturer
4294A
Keysight Technologies
Product No.
Manufacturer
4284A+42841A
Keysight Technologie
Frequency(kHz)
0.01
0.1
1
10
100
100
1000
10000
100000
4R7
R10
3R3
2R2
1R5
1R0
R68
R47
R33
R22
R15
DC current(A)
010
20
3050
40
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
R10
4R7
3R3
2R2
1R5
1R0
R68
R47
R33
R22
R15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com