Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM5030VT-R10M-D Datasheet(PDF) 1 Page - TDK Electronics

Part # SPM5030VT-R10M-D
Description  Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM5030VT-R10M-D Datasheet(HTML) 1 Page - TDK Electronics

  SPM5030VT-R10M-D Datasheet HTML 1Page - TDK Electronics SPM5030VT-R10M-D Datasheet HTML 2Page - TDK Electronics SPM5030VT-R10M-D Datasheet HTML 3Page - TDK Electronics SPM5030VT-R10M-D Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20210705
(1/4)
inductor_automotive_power_spm5030vt-d_en.fm
INDUCTORS
Inductors for power circuits
Wound metal
SPM-VT-D series (for automotive)
SPM5030VT-D type
FEATURES
Metal composite type wound inductor for power circuits using a metallic magnetic material.
Compared to ferrite wound type inductors, low Rdc and miniaturization can be realized due to superior DC superimposition characteris-
tics of metallic magnetic materials.
Vibration resistance of 30 G due to vibration resistance structure
Operating temperature range: –55 to +155°C (including self-temperature rise)
Compliant with AEC-Q200
APPLICATION
Automotive-related equipment (LED, ECM, ADAS, BCM etc.)
PART NUMBER CONSTRUCTION
CHARACTERISTICS SPECIFICATION TABLE
Isat: Based on the rate of change from the initial value of the inductance with DC current
Itemp: Based on self-temperature rise due to DC current (rated current)
Measurement equipment
* Equivalent measurement equipment may be used.
SPM5030VT
-
4R7
M
-
D
Series name
Inductance
Inductance
tolerance
Internal code
(µH)
L
Measuring
frequency
DC resistance
Part No.
(µH)
Tolerance
(kHz)
(m
 )typ.
Tolerance
Isat (A)typ.
Itemp (A)typ.
(
L=–20%)
(
L=–30%)
(
T=40deg.C)
0.10
±20%
100
2.7
±10%
37.1
51.1
18.3
SPM5030VT-R10M-D
0.15
±20%
100
3.0
±10%
20.2
26.7
17.1
SPM5030VT-R15M-D
0.22
±20%
100
4.2
±10%
21.0
28.2
14.2
SPM5030VT-R22M-D
0.33
±20%
100
4.2
±10%
18.4
24.9
14.2
SPM5030VT-R33M-D
0.47
±20%
100
5.4
±10%
14.7
20.2
12.9
SPM5030VT-R47M-D
0.68
±20%
100
7.4
±10%
12.2
16.9
10.7
SPM5030VT-R68M-D
1.0
±20%
100
9.6
±10%
10.4
14.7
9.4
SPM5030VT-1R0M-D
1.5
±20%
100
14.1
±10%
9.2
12.7
7.9
SPM5030VT-1R5M-D
2.2
±20%
100
20.0
±10%
9.0
12.3
6.6
SPM5030VT-2R2M-D
3.3
±20%
100
33.5
±10%
7.2
10.0
5.0
SPM5030VT-3R3M-D
4.7
±20%
100
59.1
±10%
5.9
8.1
3.8
SPM5030VT-4R7M-D
Measurement item
Product No.
Manufacturer
L
4285A
Keysight Technologies
DC resistance
3541
HIOKI
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl
AEC-Q200


Similar Part No. - SPM5030VT-R10M-D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM5030VT-R15M-D TDK-SPM5030VT-R15M-D Datasheet
227Kb / 3P
SMD / SMT Inductors (Coils)
More results

Similar Description - SPM5030VT-R10M-D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM4020T-100M-LR TDK-SPM4020T-100M-LR Datasheet
142Kb / 9P
Inductors for Power Circuits Wound Metal
logo
Panasonic Semiconductor
BCL322515RT-D PANASONIC-BCL322515RT-D Datasheet
179Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
20211117
BCL322520RT-D PANASONIC-BCL322520RT-D Datasheet
533Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
logo
TDK Electronics
SPM10054-HZR TDK-SPM10054-HZR Datasheet
269Kb / 4P
Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM4020-DZ TDK-SPM4020-DZ Datasheet
171Kb / 4P
Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
20220515
SPM5030-HZ TDK-SPM5030-HZ Datasheet
201Kb / 4P
Inductors for power circuits Wound metal SPM-HZ series (for automotive)
20210423
SPM12565CT TDK-SPM12565CT Datasheet
573Kb / 5P
Inductors for power circuits Wound metal SPM series
20220628
SPM12565VT-D TDK-SPM12565VT-D Datasheet
180Kb / 4P
Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
20221024
SPM6545VT-D TDK-SPM6545VT-D Datasheet
176Kb / 4P
Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
20190912
SPM7054VC-D TDK-SPM7054VC-D Datasheet
180Kb / 4P
Inductors for power circuits Wound metal SPM-VC-D series (for automobiles)
20221003
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com