Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM5030VT-R10M-D Datasheet(PDF) 3 Page - TDK Electronics

Part # SPM5030VT-R10M-D
Description  Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM5030VT-R10M-D Datasheet(HTML) 3 Page - TDK Electronics

  SPM5030VT-R10M-D Datasheet HTML 1Page - TDK Electronics SPM5030VT-R10M-D Datasheet HTML 2Page - TDK Electronics SPM5030VT-R10M-D Datasheet HTML 3Page - TDK Electronics SPM5030VT-R10M-D Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20210705
(3/4)
inductor_automotive_power_spm5030vt-d_en.fm
INDUCTORS
SPM5030VT-D type
SHAPE & DIMENSIONS
RECOMMENDED LAND PATTERN
RECOMMENDED REFLOW PROFILE
PACKAGING STYLE
REEL DIMENSIONS
TAPE DIMENSIONS
PACKAGE QUANTITY
TEMPERATURE RANGE, INDIVIDUAL WEIGHT
 Operating temperature range includes self-temperature rise.
 The storage temperature range is for after the assembly.
Dimensions in mm
5.3±0.3
1.4±0.2
6.5
2.2
Dimensions in mm
Natural
cooling
60 to 120s
Preheating
10 to 30s
Soldering
230°C
230°C
245°C
180°C
150°C
Time
Peak
Type
A
B
K
SPM5030VT-D
5.45
5.65
3.6
Package quantity
2000 pcs/reel
Operating
temperature range
Storage
temperature range
Individual
weight
–55 to +155 °C
–55 to +155 °C
0.37 g
ø13.0±0.5
ø21.0±0.8
2.0±0.5
ø330
(1.0)
Dimensions in mm
2.0
21.5
17.5
K
4.0±0.1
2.0±0.1
8.0±0.1
A
1.5
+0.1
–0
Dimensions in mm
Sprocket
hole
Cavity
0.4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com