Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAL007 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PAL007
Description  4 x 51 W quad bridge car radio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PAL007 Datasheet(HTML) 1 Page - STMicroelectronics

  PAL007 Datasheet HTML 1Page - STMicroelectronics PAL007 Datasheet HTML 2Page - STMicroelectronics PAL007 Datasheet HTML 3Page - STMicroelectronics PAL007 Datasheet HTML 4Page - STMicroelectronics PAL007 Datasheet HTML 5Page - STMicroelectronics PAL007 Datasheet HTML 6Page - STMicroelectronics PAL007 Datasheet HTML 7Page - STMicroelectronics PAL007 Datasheet HTML 8Page - STMicroelectronics PAL007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
September 2013
Doc ID 6886 Rev 6
1/17
1
TDA7560
4 x 51 W quad bridge car radio amplifier
Datasheet
 production data
Features
■ Superior output power capability:
–4 x 51 W/4
 max.
–4 x 45 W/4
 EIAJ
–4 x 30 W/4
 @ 14.4 V, 1 kHz, 10 %
–4 x 80 W/2
 max.
–4 x 77 W/2
 EIAJ
–4 x 55 W/2
 @ 14.4 V, 1 kHz, 10 %
■ Multipower BCD technology
■ MOSFET output power stage
■ Excellent 2  driving capability
■ Hi-Fi class distortion
■ Low output noise
■ Standby function
■ Mute function
■ Automute at min. supply voltage detection
■ Low external component count:
– Internally fixed gain (26 dB)
– No external compensation
– No bootstrap capacitors
■ On board 0.35 A high side driver
■ Protections:
– Output short circuit to GND, to VS, across
the load
– Very inductive loads
– Overrating chip temperature with soft
thermal limiter
– Output DC offset detection
– Load dump voltage
– Fortuitous open GND
– Reversed battery
– ESD
Description
The TDA7560 is a breakthrough BCD (Bipolar /
CMOS / DMOS) technology class AB audio power
amplifier in Flexiwatt 25 package designed for
high power car radio.
The fully complementary P-Channel/N-Channel
output structure allows a rail to rail output voltage
swing which, combined with high output current
and minimized saturation losses sets new power
references in the car-radio field, with unparalleled
distortion performances.
Flexiwatt25
(horizontal)
Flexiwatt25
(vertical)
Table 1.
Device summary
Order code
Package
Packing
TDA7560
Flexiwatt25 (vertical)
Tube
TDA7560H
Flexiwatt25 (horizontal)
Tube
www.st.com


Similar Part No. - PAL007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAL007A ETC2-PAL007A Datasheet
59Kb / 1P
Power AMP
More results

Similar Description - PAL007

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
4 x 45W quad bridge car radio amplifier
09-Nov-2007
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
4 x 45 W quad bridge car radio amplifier
07-Nov-2008
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com