Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3045CT Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPS3045CT
Description  POWER SCHOTTKY RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3045CT Datasheet(HTML) 9 Page - STMicroelectronics

  STPS3045CT Datasheet HTML 1Page - STMicroelectronics STPS3045CT Datasheet HTML 2Page - STMicroelectronics STPS3045CT Datasheet HTML 3Page - STMicroelectronics STPS3045CT Datasheet HTML 4Page - STMicroelectronics STPS3045CT Datasheet HTML 5Page - STMicroelectronics STPS3045CT Datasheet HTML 6Page - STMicroelectronics STPS3045CT Datasheet HTML 7Page - STMicroelectronics STPS3045CT Datasheet HTML 8Page - STMicroelectronics STPS3045CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
STPS3045CT/CG/CR/CP/CPI/CW
9/9
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
Type
Marking
Package
Weight
Base qty
Delivery mode
STPS3045CT
STPS3045CT
TO-220AB
2.23 g.
50
Tube
STPS3045CG
STPS3045CG
D
2PAK
1.48 g.
50
Tube
STPS3045CG-TR
STPS3045CG
D
2PAK
1.48 g.
1000
Tape & reel
STPS3045CR
STPS3045CR
I
2PAK
1.48 g
50
Tube
STPS3045CP
STPS3045CP
SOT-93
3.97 g.
30
Tube
STPS3045CPI
STPS3045CPI
TOP-3I
4.46 g.
120
Bulk
STPS3045CW
STPS3045CW
TO-247
4.46 g.
30
Tube
s
Cooling method: by conduction (C)
s
Recommended torque value (SOT-93, TOP-3I, TO-247): 0.8 N.m.
s
Recommended torque value (TO-220AB): 0.55 N.m.
s
Maximum torque value (SOT-93, TOP-3I, TO-247): 1.0 N.m.
s
Maximum torque value (TO-220AB): 0.7 N.m.
s
Epoxy meets UL94,V0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com