Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3045CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS3045CT
Description  POWER SCHOTTKY RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3045CT Datasheet(HTML) 2 Page - STMicroelectronics

  STPS3045CT Datasheet HTML 1Page - STMicroelectronics STPS3045CT Datasheet HTML 2Page - STMicroelectronics STPS3045CT Datasheet HTML 3Page - STMicroelectronics STPS3045CT Datasheet HTML 4Page - STMicroelectronics STPS3045CT Datasheet HTML 5Page - STMicroelectronics STPS3045CT Datasheet HTML 6Page - STMicroelectronics STPS3045CT Datasheet HTML 7Page - STMicroelectronics STPS3045CT Datasheet HTML 8Page - STMicroelectronics STPS3045CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STPS3045CT/CG/CR/CP/CPI/CW
2/9
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AB
D
2PAK / I2PAK
Per diode
Total
1.60
0.85
°C/W
SOT-93
TO-247
Per diode
Total
1.5
0.8
TOP-3I
Per diode
Total
2.2
1.6
Rth (c)
TO-220AB
D
2PAK / I2PAK
SOT-93
TO-247
Coupling
0.10
TOP-3I
Coupling
1.0
When the diodes 1 and 2 are used simultaneously:
∆ Tj (diode 1) = P (diode1) x Rth(j-c) (per diode) + P (diode 2) x Rth(c)
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
δ = 0.5
TO-220AB
D
2PAK / I2PAK
SOT-93
TO-247
Tc = 155°C
Per diode
Per device
15
30
A
TOP-3I
Tc = 150°C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
220
A
IRRM
Repetitive peak reverse current
tp = 2
µs square
F = 1kHz
1A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
3A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature *
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values, per diode)
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com