Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3045CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3045CT
Description  POWER SCHOTTKY RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3045CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3045CT Datasheet HTML 1Page - STMicroelectronics STPS3045CT Datasheet HTML 2Page - STMicroelectronics STPS3045CT Datasheet HTML 3Page - STMicroelectronics STPS3045CT Datasheet HTML 4Page - STMicroelectronics STPS3045CT Datasheet HTML 5Page - STMicroelectronics STPS3045CT Datasheet HTML 6Page - STMicroelectronics STPS3045CT Datasheet HTML 7Page - STMicroelectronics STPS3045CT Datasheet HTML 8Page - STMicroelectronics STPS3045CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
August 2002 - Ed: 5E
POWER SCHOTTKY RECTIFIER
IF(AV)
2x15 A
VRRM
45 V
Tj (max)
175 °C
VF
0.57 V
MAIN PRODUCT CHARACTERISTICS
s
VERY SMALL CONDUCTION LOSSES
s
NEGLIGIBLE SWITCHING LOSSES
s
EXTREMELY FAST SWITCHING
s
LOW THERMAL RESISTANCE
s
INSULATED PACKAGE: TOP-3I
Insulating voltage = 2500V RMS
Capacitance = 12pF
FEATURES AND BENEFITS
Dual center tap Schottky rectifier suited for
SwitchMode Power Supply and high frequency DC
to DC converters.
Packaged either in TO-220AB, D
2PAK, I2PAK,
TO-247, SOT93 or TOP-3I, this device is espe-
cially intended for use in low voltage, high fre-
quency inverters, free wheeling and polarity
protection applications.
DESCRIPTION
D
2PAK
STPS3045CG
TO-220AB
STPS3045CT
SOT-93
STPS3045CP
Insulated
TOP-3I
STPS3045CPI
TO-247
STPS3045CW
I
2PAK
STPS3045CR


Similar Part No. - STPS3045CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3045CT STMICROELECTRONICS-STPS3045CT Datasheet
196Kb / 9P
POWER SCHOTTKY RECTIFIER
Jul-2003
logo
Inchange Semiconductor ...
STPS3045CT ISC-STPS3045CT Datasheet
272Kb / 2P
Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
STPS3045CT SUNMATE-STPS3045CT Datasheet
3Mb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
STMicroelectronics
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS3045CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com