Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TMS
Description  TMS Series, 6to
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMS Datasheet(HTML) 2 Page - TRACO Electronic AG

  TMS Datasheet HTML 1Page - TRACO Electronic AG TMS Datasheet HTML 2Page - TRACO Electronic AG TMS Datasheet HTML 3Page - TRACO Electronic AG TMS Datasheet HTML 4Page - TRACO Electronic AG TMS Datasheet HTML 5Page - TRACO Electronic AG TMS Datasheet HTML 6Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
http://www.tracopower.com
Page 2 of 6
AC/DC Power Modules
TMS Series
6 to 25 Watt
Input Specifications
Input voltage range
85 – 264 VAC (110–375 VDC)
Input frequency
47 – 63 Hz
External fuse (required)
1 A slow blow type (recommendation)
Output Specifications
Voltage set accuracy
±2 %
Regulation
– Input variation
0.4 % max.
– Load variation (10–90%)
single output models: 1 % max.
dual output models: 2 % typ./5 % max. (symmetric load)
Ripple and noise (20Mhz bandwidth)
100 mV pp typ.
Overload protection by current limit at
>130 % Inom. foldback, automatic recovery
(long therm short circuit operation may cause
damage to the unit)
General Specifications
Temperature ranges
– Operating
–25°C to +60°C ambient temp. max.
– Case temperature
+90°C max.
– Storage (non operating)
–25°C to +105°C
Derating
5 Vout models: 2.5 %/°K above +40°C
all other models: 5 %/°K above +50°C
Temperature coefficient
0.02 %/°C
Efficiency
78 % typ.
Humidity (non condensing)
85 % rel max.
Switching frequency
100 kHz typ.
Hold-up time
– Vin = 115 VAC
20 ms typ.
– Vin = 230 VAC
100 ms typ.
I/O isolation voltage
3‘000 VAC
Leakage current
0.3 mA RMS typ./230 VAC/50 Hz
EMI/RFI conducted
EN 55022, level B, FCC Part 15 level B
EMC compliance
– Electrostatic discharge ESD
IEC/EN 61000-4-2 level 3 6 kV/8 kV
– RF field susceptibility
IEC/EN 61000-4-3
10 V/m
– Electrical fast transients/bursts on mainsline
IEC/EN 61000-4-4 level 3 2 kV
– Surge
IEC/EN 61000-4-5 level 3 1 kV/2 kV
Safety standards
UL 60950-1, IEC/EN 60950-1
Safety approvals
– UL/cUL 60950-1
www.ul.com -> certifications -> File e141988
– CB report (IEC 60950-1, 2nd edition)
www.tracopower.com/products/tms06-cb.pdf
www.tracopower.com/products/tms10-cb.pdf
www.tracopower.com/products/tms15-cb.pdf
www.tracopower.com/products/tms25-cb.pdf
Environmental compliance
– Reach
www.tracopower.com/products/tms-reach.pdf
– RoHS
RoHS directive 2011/65/EU
Casing material
CELANEX (UL 94V-0 rated)
Reliability, calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>250‘000 h
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com