Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS Datasheet(PDF) 3 Page - TRACO Electronic AG

Part # TMS
Description  TMS Series, 6to
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMS Datasheet(HTML) 3 Page - TRACO Electronic AG

  TMS Datasheet HTML 1Page - TRACO Electronic AG TMS Datasheet HTML 2Page - TRACO Electronic AG TMS Datasheet HTML 3Page - TRACO Electronic AG TMS Datasheet HTML 4Page - TRACO Electronic AG TMS Datasheet HTML 5Page - TRACO Electronic AG TMS Datasheet HTML 6Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
http://www.tracopower.com
Page 3 of 6
Outline Dimensions
AC/DC Power Modules
TMS Series
6 to 25 Watt
Pin
Single
Dual
1
–V out
–V out
2
No pin
Common
3
+V out
+V out
4
AC in
AC in
5
AC in
AC in
6
FG
FG
Pin Out
FG = field ground
Weight
TMS 6:45 g (1.6 oz)
TMS 10:75 g (2.7 oz)
TMS 15:95 g (3.4 oz)
TMS 25:135 g (4.8 oz)
50
0.80
20
13.2
1
2
3
4
5
6
55
0.80
47
4
24
9.1
64
54
5
0.80
24
8.8
76
66
5
28
5.1
42
4
0.80
PCB-mounting with solder pins
TMS 6 Models
TMS 25 Models
TMS 15 Models
TMS 10 Models
Dimensions in[mm]
Tolerances = 0.5mm
Pin pich tolerance = 0.2 mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com