Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TMS
Description  TMS Series, 6to
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMS Datasheet(HTML) 1 Page - TRACO Electronic AG

  TMS Datasheet HTML 1Page - TRACO Electronic AG TMS Datasheet HTML 2Page - TRACO Electronic AG TMS Datasheet HTML 3Page - TRACO Electronic AG TMS Datasheet HTML 4Page - TRACO Electronic AG TMS Datasheet HTML 5Page - TRACO Electronic AG TMS Datasheet HTML 6Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
http://www.tracopower.com
Page 1 of 6
Features
Compact AC/DC power supply
modules
Fully encapsulated plastic package
Universal input 85–264 VAC, 50/60 Hz
High efficiency
Low ripple and noise
Overload protection
EMI meets EN 55022, class B and
FCC, level B
3 package styles available:
– for PCB Mount with solder pins
– for chassis mount with FASTON-tabs
– for chassis mount with screw
terminals
3-year product warranty
The TMS series switching power supplies offers high power density in a low profile
package. This makes these modules the best choice for all space critical appli-
cations. A further feature is the easy installation provided by flexible connection
systems (solderpins, terminalblock, FASTON tabs).
EMC specifications and compliance with international safety standards qualify the
product for worldwide use. SMD construction and industrial quality grade compo-
nents guarantee a high reliability of these power modules.
Order Code
Output Power
Output 1
Output 2
PCB-mounting
Chassis mounting
Chassis mounting
with solder pins
with FASTON tabs
with screw terminals
TMS 06105
5 VDC/1200 mA
TMS 06112
12 VDC/500 mA
TMS 06115
6 Watt
15 VDC/400 mA
TMS 06124
24 VDC/250 mA
TMS 06212
+12 VDC/250 mA
–12 VDC/250 mA
TMS 06215
+15 VDC/200 mA
–15 VDC/200 mA
TMS 10105
TMS 10105F
5 VDC/2000 mA
TMS 10112
TMS 10112F
12 VDC/900 mA
TMS 10115
TMS 10115F
10 Watt
15 VDC/700 mA
TMS 10124
TMS 10124F
24 VDC/450 mA
TMS 10212
TMS 10212F
+12 VDC/450 mA
–12 VDC/450 mA
TMS 10215
TMS 10215F
+15 VDC/350 mA
–15 VDC/350 mA
TMS 15105
TMS 15105F
TMS 15105C
5 VDC/3000 mA
TMS 15112
TMS 15112F
TMS 15112C
12 VDC/1300 mA
TMS 15115
TMS 15115F
TMS 15115C
15 Watt
15 VDC/1000 mA
TMS 15124
TMS 15124F
TMS 15124C
24 VDC/650 mA
TMS 15212
TMS 15212F
TMS 15212C
+12 VDC/ 650 mA
–12 VDC/650 mA
TMS 15215
TMS 15215F
TMS 15215C
+15 VDC/ 500 mA
–15 VDC/500 mA
TMS 25105
TMS 25105F
TMS 25105C
5 VDC/4600 mA
TMS 25112
TMS 25112F
TMS 25112C
12 VDC/2000 mA
TMS 25115
TMS 25115F
TMS 25115C
25 Watt*
15 VDC/1600 mA
TMS 25124
TMS 25124F
TMS 25124C
24 VDC/1000 mA
TMS 25212
TMS 25212F
TMS 25212C
+12 VDC/1000 mA
–12 VDC/1000 mA
TMS 25215
TMS 25215F
TMS 25215C
+15 VDC/800 mA
–15 VDC/800 mA
Models
* 10 % power reduction at 115 VAC operation
C B
Scheme
AC/DC Power Modules
TMS Series, 6 to 25 Watt
end of
life


Similar Part No. - TMS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TMS SAMTEC-TMS Datasheet
506Kb / 1P
THROUGH-HOLE MICRO HEADER
logo
KITAGAWA GmbH
TMS KGS-TMS Datasheet
325Kb / 1P
Cable tie mount with adhesive or screw-mount options
logo
TALEMA Group. LLC
TMS-100A1-J TALEMA-TMS-100A1-J Datasheet
104Kb / 2P
10 Base-T Single Port SMD Transformer Modules
TMS-100A6-J TALEMA-TMS-100A6-J Datasheet
104Kb / 2P
10 Base-T Single Port SMD Transformer Modules
logo
Texas Instruments
TMS-102-02-G-S TI1-TMS-102-02-G-S Datasheet
1Mb / 32P
Contains all support circuitry needed
More results

Similar Description - TMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1K0910BD ETC2-LP1K0910BD Datasheet
301Kb / 10P
Contactorsand Thermal Overload Relays from 6to 2750 A
LC1D18M7 ETC2-LC1D18M7 Datasheet
301Kb / 10P
Contactorsand Thermal Overload Relays from 6to 2750 A
logo
PHOENIX CONTACT
1690749 PHOENIX-1690749 Datasheet
98Kb / 3P
HC-B 10-TMS-SD-IP50
1690765 PHOENIX-1690765 Datasheet
96Kb / 3P
HC-B 24-TMS-SD-IP50
1580504 PHOENIX-1580504 Datasheet
102Kb / 4P
HC-B 24-TMS-100/O1STM32G-EEE
1604081 PHOENIX-1604081 Datasheet
97Kb / 4P
HC-B 6-TMS-100/O1STM20S-STA
1636994 PHOENIX-1636994 Datasheet
98Kb / 3P
HC-B 24-TMS-100/O1STM32G-STAIM
1690082 PHOENIX-1690082 Datasheet
109Kb / 4P
HC-B 10-TMS-100/O1STM25S-STA
1690244 PHOENIX-1690244 Datasheet
97Kb / 4P
HC-B 16-TMS-100/O1STM32S-STA
1584198 PHOENIX-1584198 Datasheet
65Kb / 4P
Screw - HC-B-TMS-ERSSCHR
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com