Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ST
Description  SuperTan® Wet Tantalum Capacitors With Hermetic Seal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST Datasheet(HTML) 4 Page - Vishay Siliconix

  ST Datasheet HTML 1Page - Vishay Siliconix ST Datasheet HTML 2Page - Vishay Siliconix ST Datasheet HTML 3Page - Vishay Siliconix ST Datasheet HTML 4Page - Vishay Siliconix ST Datasheet HTML 5Page - Vishay Siliconix ST Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ST
www.vishay.com
Vishay
Upgrade for High Shock and Vibration Performance With T16
Revision: 12-May-2022
4
Document Number: 43000
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL PERFORMANCE CHARACTERISTICS OF ST CAPACITORS
RIPPLE CURRENT MULTIPLIERS VS. FREQUENCY, TEMPERATURE, AND APPLIES PEAK VOLTAGE
FREQUENCY
OF APPLIED
RIPPLE
CURRENT
120 Hz
800 Hz
1 kHz
10 kHz
40 kHz
100 kHz
AMBIENT STILL
AIR TEMP. IN °C ≤
55 85
105 125
≤ 55 85 105 125 ≤ 55 85 105 125 ≤ 55 85 105 125 ≤ 55 85 105 125 ≤ 55 85 105 125
% of
85 °C
rated
peak
voltage
100 %
0.60 0.39
-
-
0.71 0.43
-
-
0.72 0.46
-
-
0.88 0.55
-
-
1.0 0.63
-
-
1.1 0.69
-
-
90 %
0.60 0.46
-
-
0.71 0.55
-
-
0.72 0.55
-
-
0.88 0.67
-
-
1.0 0.77
-
-
1.1 0.85
-
-
80 %
0.60 0.52 0.35
-
0.71 0.62 0.42
-
0.72 0.62 0.42
-
0.88 0.76 0.52
-
1.0 0.87 0.59
-
1.1 0.96 0.65
-
70 %
0.60 0.58 0.44
-
0.71 0.69 0.52
-
0.72 0.70 0.52
-
0.88 0.85 0.64
-
1.0 0.97 0.73
-
1.1 1.07 0.80
-
66 2/3 % 0.60 0.60 0.46 0.27 0.71 0.71 0.55 0.32 0.72 0.72 0.55 0.32 0.88 0.88 0.68 0.40 1.0 1.0 0.77 0.45 1.1 1.1 0.85 0.50
ELECTRICAL CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Operating temperature range
-55 °C to +85 °C (to +125 °C with voltage derating)
Capacitor tolerance
± 20 %, ± 10 % at 120 Hz, at +25 °C
Capacitor change by temperature
Limit per Standard Ratings table
ESR
Limit per Standard Ratings table, at +25 °C, 120 Hz
Impedance
Limit per Standard Ratings table, at -55 °C, 120 Hz
DCL (leakage current)
Limit per Standard Ratings table
AC ripple current
Limit per Standard Ratings table, at +85 °C and 40 kHz
Reverse voltage
There shall be no continuous reverse voltage. Transient reverse voltage surges are acceptable under
the following conditions:
a) The peak reverse voltage is equal to or less than 1.5 V and the product of the peak current times
the duration of the reverse transient is 0.05 As or less
b) The repetition rate of the reverse voltage surges is less than 10 Hz
Surge voltage
Surge voltage shall be in accordance with MIL-PRF-39006 and Table II of DSCC93026.
The DC rated surge voltage is the maximum voltage to which the capacitors can be subjected under
any conditions including transients and peak ripple at the highest line voltage.
The DC surge voltage is 115 % of rated DC voltage.
PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Life testing
Capacitors shall be capable of withstanding a 2000 h life test at a temperature +85 °C at rated
voltage, or a 2000 h life test at 125 °C test at derated voltage.
After the test, the capacitors shall meet the following requirements:
a) DC leakage at 85 °C and 125 °C shall not exceed 125 % of the specified value
b) DC leakage at 25 °C shall not exceed the specified value
c) Capacitance shall be within +10 %, -20 % of initial value
d) ESR shall not exceed 200 % of the specified value



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com