Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ST
Description  SuperTan® Wet Tantalum Capacitors With Hermetic Seal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST Datasheet(HTML) 3 Page - Vishay Siliconix

  ST Datasheet HTML 1Page - Vishay Siliconix ST Datasheet HTML 2Page - Vishay Siliconix ST Datasheet HTML 3Page - Vishay Siliconix ST Datasheet HTML 4Page - Vishay Siliconix ST Datasheet HTML 5Page - Vishay Siliconix ST Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST
www.vishay.com
Vishay
Upgrade for High Shock and Vibration Performance With T16
Revision: 12-May-2022
3
Document Number: 43000
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
AT 25 °C
AND 120 Hz
(μF)
CASE
CODE
MAX.
ESR
120 Hz
(
Ω)
MAX. DCL AT
MAX. IMP.
AT -55 °C
AND 120 Hz
(
Ω)
MAX. CAPACITANCE
CHANGE AT
AC RIPPLE
85 °C
40 kHz
(mA)
RMS
PART NUMBER (1)
+25 °C
(μA)
+85 °C /
+125 °C
(μA)
-55 °C
(%)
+85 °C
(%)
+125 °C
(%)
25 VDC AT 85 °C; 15 VDC AT 125 °C
120
T1
1.3
1
5
25
-42
+8
+12
1250
ST120-25T1MI
560
T2
0.83
2
10
12
-65
+10
+15
2100
ST560-25T2MI
1100
L2
0.5
3
25
7
-60
+20
+45
3200
ST1100-25L2MI
1200
T3
0.65
5
20
7
-70
+12
+18
2600
ST1200-25T3MI
1800
T4
0.5
6
25
7
-72
+12
+20
3100
ST1800-25T4MI
2200
T4
0.5
10
80
10
-90
+30
+50
3200
ST2200-25T4MI
30 VDC AT 85 °C; 20 VDC AT 125 °C
100
T1
1.3
1
5
25
-38
+8
+12
1200
ST100-30TMI
470
T2
0.85
2
10
15
-65
+10
+18
1800
ST470-30T2MI
680
T4
0.7
5
40
8
-58
+10
+20
2750
ST680-30T4MI
950
L2
0.5
5
30
7
-55
+18
+35
3200
ST950-30L2MI
1000
T3
0.7
7
25
7
-70
+10
+18
2500
ST1000-30T3MI
1500
T4
0.6
12
35
6
-72
+10
+20
3000
ST1500-30T4MI
50 VDC AT 85 °C; 30 VDC AT 125 °C
68
T1
1.5
1
5
35
-25
+8
+15
1050
ST68-50T1MI
220
T2
0.9
2
10
17.5
-50
+8
+15
1800
ST220-50T2MI
450
L2
0.6
3
25
7.5
-45
+12
+30
2900
ST450-50L2MI
470
T3
0.75
3
25
10
-45
+8
+15
2100
ST470-50T3MI
680
T4
0.7
5
40
8
-58
+10
+20
2750
ST680-50T4MI
60 VDC AT 85 °C; 40 VDC AT 125 °C
47
T1
2.0
1
5
44
-25
+8
+12
1050
ST47-60T1MI
150
T2
1.1
2
10
20
-40
+8
+15
1800
ST150-60T2MI
370
L2
0.6
3
25
9
-33
+9
+20
2900
ST370-60L2MI
390
T3
0.9
3
25
15
-45
+8
+15
2100
ST390-60T3MI
560
T4
0.8
5
40
10
-58
+8
+15
2750
ST560-60T4MI
1000
T4
1.0
12
90
20
-90
+30
+50
3200
ST1000-60T4MI
75 VDC AT 85 °C; 50 VDC AT 125 °C
33
T1
2.5
1
5
66
-25
+5
+9
1050
ST33-75T1MI
110
T2
1.3
2
10
24
-35
+6
+10
1650
ST110-75T2MI
250
L2
0.8
5
30
12
-30
+6
+15
2500
ST250-75L2MI
330
T3
1.0
3
30
12
-45
+6
+10
2100
ST330-75T3MI
470
T4
0.9
5
50
12
-50
+6
+10
2750
ST470-75T4MI
100 VDC AT 85 °C; 65 VDC AT 125 °C
15
T1
3.5
1
5
125
-18
+3
+10
1050
ST15-100T1MI
68
T2
2.1
2
10
37
-30
+4
+12
1650
ST68-100T2MI
120
L2
1.0
3
25
20.5
-30
+4
+12
2200
ST120-100L2MI
150
T3
1.6
3
25
22
-35
+6
+12
2100
ST150-100T3MI
220
T4
1.2
5
50
15
-40
+6
+12
2750
ST220-100T4MI
125 VDC AT 85 °C; 85 VDC AT 125 °C
10
T1
5.5
1
5
175
-15
+3
+10
1050
ST10-125T1MI
47
T2
2.3
2
10
47
-25
+5
+12
1650
ST47-125T2MI
90
L2
1.3
5
25
25
-22
+4
+15
2000
ST90-125L2MI
82
T3
1.8
3
25
40
-35
+5
+12
1950
ST82-125T3MI
100
T3
1.8
3
25
35
-35
+5
+12
2100
ST100-125T3MI
150
T4
1.6
5
50
20
-35
+6
+12
2750
ST150-125T4MI
Note
(1) Part numbers shown are for units with ± 20 % capacitance tolerance and insulated capacitors.
For units with ± 10 % capacitance tolerance change the letter “M” to “K”.
For units without insulation, substitute “X” with “I” at the end of the part number.
For RoHS-compliant add the “E3” for suffix



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com