Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ST
Description  SuperTan® Wet Tantalum Capacitors With Hermetic Seal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST Datasheet(HTML) 1 Page - Vishay Siliconix

  ST Datasheet HTML 1Page - Vishay Siliconix ST Datasheet HTML 2Page - Vishay Siliconix ST Datasheet HTML 3Page - Vishay Siliconix ST Datasheet HTML 4Page - Vishay Siliconix ST Datasheet HTML 5Page - Vishay Siliconix ST Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST
www.vishay.com
Vishay
Upgrade for High Shock and Vibration Performance With T16
Revision: 12-May-2022
1
Document Number: 43000
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
LINKS TO ADDITIONAL RESOURCES
Vishay ST represents a major breakthrough in wet tantalum
capacitor technology. Its unique cathode system provides
the highest capacitance per unit volume. The design
facilitates a doubling of capacitance, lower ESR and higher
ripple current rating compared with conventional wet
tantalum products. Moreover, the ST has the capacitance
stability of a solid tantalum capacitor and there are no circuit
impedance restrictions.
The ST is housed in an all tantalum, hermetically sealed case
and is manufactured to withstand hazardous environments.
The ST is used widely in the defense and aerospace
industries and whenever there is a space problem.
PERFORMANCE CHARACTERISTICS
Operating Temperature: -55 °C to +85 °C
(to +125 °C with voltage derating)
Capacitance Tolerance: at 120 Hz, +25 °C.
± 20 % standard. ± 10 % available as special.
FEATURES
• Very high capacitance
• 10 μF to 2200 μF
• 25 VDC to 125 VDC
• Very low ESR
• High ripple current
• All tantalum case
• Hermetically sealed
•Low DCL
• Axial through-hole terminations: standard tin / lead (Sn / Pb),
100 % tin (RoHS-compliant) available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
APPLICATION NOTES
a. No continuous reverse voltage permissible.
b. The peak of the applied AC ripple and the applied DC
voltage must not exceed the DC voltage rating of the
capacitor.
c. Ripple current ratings by part number at 85 °C and
40 kHz are included in the table. Ripple current correction
factors for other temperatures and frequencies are given
on the next page.
d. Transient reverse voltage surges are acceptable under
the following conditions:
the peak reverse voltage does not exceed 1.5 V and the
peak current times the duration of the reverse transient
does not exceed 0.05 As. In addition, the repetition
frequency of the reverse voltage surge is less than 10 Hz.
Notes
• Packaging: The use of formed plastic trays for packing bulk components is standard. Tape and reel cannot be used due to unit weight
(1) Sleeve on J, K, L, M terminations shall be Kapton only
(2) J, K, L, M are available in T4. For all other case sizes, check with marketing
333
DDD3 D
3D Models
Available
Available
ORDERING INFORMATION
ST
220
100
T4
M
I (1)
E3 (2)
TYPE
CAPACITANCE
DC VOLTAGE
CASE
CAPACITANCE
INSULATING
TERMINATION AND PACKAGING
μF
RATING AT +85 °C
CODE
TOLERANCE
SLEEVE
M = ± 20 %
K = ± 10 %
I = insulated
X = uninsulated
E3 = 100 % tin termination
(RoHS-compliant)
Blank = SnPb termination
(standard design)
J = SMD, outside bend, tin / lead
K = SMD, outside bend, 100 % tin
L = SMD, inside bend, tin / lead
M = SMD, inside bend, 100 % tin


Similar Description - ST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STE VISHAY-STE Datasheet
92Kb / 3P
SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
25-Aug-08
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
Super Tan® Wet Tantalum Capacitors with Hermetic Seal
17-Jul-08
93026-44KS VISHAY-93026-44KS Datasheet
72Kb / 4P
DSCC 93026 SuperTan® Wet Tantalum Capacitors
01-Feb-12
93026-38KS VISHAY-93026-38KS Datasheet
72Kb / 4P
DSCC 93026 SuperTan Wet Tantalum Capacitors
01-Feb-12
STE470-75T3MI VISHAY-STE470-75T3MI Datasheet
105Kb / 6P
SuperTan Extended (STE) Capacitors, Wet Tantalum Capacitors with Hermetic Seal
07-Nov-14
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
SuperTan Wet Tantalum Capacitors with Hermetic Seal
13-Oct-14
T22 VISHAY-T22 Datasheet
158Kb / 10P
Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
13-May-2020
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation
10-Aug-2020
STA VISHAY-STA Datasheet
67Kb / 3P
Wet Tantalum Capacitors with Hermetic Seal
13-Oct-2020
STE VISHAY-STE_V01 Datasheet
128Kb / 7P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com