Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS4000 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AFS4000
Description  Rack Mountable Power Shelves
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AFS4000 Datasheet(HTML) 1 Page - Artesyn Technologies

  AFS4000 Datasheet HTML 1Page - Artesyn Technologies AFS4000 Datasheet HTML 2Page - Artesyn Technologies AFS4000 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER SHELF
MAIN OUTPUT
N+1 REDUNDANT
HEIGHT
AFE2000 POWER
SIGNAL
POWER
POWER
SUPPLIES
INTERFACE
AFS4000-3U2P
4000W
2000W
3U (5.25 inch)
2
Parallel via 25 pin D
type connector
AFS6000-4U3P
6000W
4000W
4U (7.0 inch)
3
Parallel via 37 pin D
type connector
AFS4000 and AFS6000
Rack Mountable Power Shelves
[ 2 YEAR WARRANTY ]
• Front-end shelves for AFE2000 series power supplies
• Distributed power architecture
• UL and TUV approval
• Hot-swap power system
• N+1 redundancy
The AFS4000 and AFS6000 power shelves are designed to house Artesyn standard
AFE2000 series front-end power supplies. The shelves mount into standard 19 inch
racks. The power shelves accept high range (200 to 240VAC) AC power and deliver a
regulated DC bus voltage generated from the AFE2000 power supplies. The power
shelf provides input filtering and protection and individual 20 Amp circuit breakers for
each AFE2000 power supply are provided on the front end of the shelf. An output bus
bar on the rear of the unit is provided for distribution of the main output to system
payload. Control, diagnostic and protection signals and the auxiliary output from
AFE2000 power supplies are routed through the power shelf to a parallel interface
connector on the rear of the unit. Clearance is provided on the rear of the unit to
maintain adequate airflow and cooling of the AFE2000 power supplies mounted within
the shelf.
PAGE 1
Nominal Input Voltage
Line Current (Typical)
200VAC
11.6A rms
200VAC
11.2A rms
220VAC
10.6A rms
240VAC
9.7A rms
AC Input Line Cord Current
(for each AFE2000 module within power shelf)
AFE2000 Output Configurations with AFS Power Shelves
POWER MODULE
POWER SHELF
AFE2000-26S48NA
AFE2000-26S54NA
AFE2000-26S56NA
AFS4000-3U2P
48V @ 83A
54.5V @ 73A
56.2V @ 71A
12V @ 2A
12V @ 2A
12V @ 2A
AFS6000-4U3P
48V @ 124A
54.5V @ 109A
56.2V @ 106A
12V @ 3A
12V @ 3A
12V @ 3A
AFS Power Shelf Characteristics
NOTICE SOME MODELS LISTED IN THIS
DOCUMENT HAVE BEEN DISCONTINUED
Please contact your local Artesyn representative
or use the on line model number search tool at
http://www.artesyn.com/powergroup/products.htm
to find a suitable alternative.


Similar Part No. - AFS4000

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS403.5W01-TS3 ABRACON-AFS403.5W01-TS3 Datasheet
109Kb / 1P
SMD 405.500 MHz SAW FILTER
AFS406.1W01-TS31 ABRACON-AFS406.1W01-TS31 Datasheet
199Kb / 3P
SURFACE MOUNT 406.1 MHz SAW FILTER
1.14.08
More results

Similar Description - AFS4000

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFS2400 ARTESYN-AFS2400 Datasheet
246Kb / 3P
Rack Mountable Power Shelves
logo
Kendall Howard
1922-3-100-03 KENDALLHOWARD-1922-3-100-03 Datasheet
58Kb / 1P
3U RACK MOUNTABLE DRAWER
1922-3-100-04 KENDALLHOWARD-1922-3-100-04 Datasheet
59Kb / 1P
4U RACK MOUNTABLE DRAWER
LDRS1U12 KENDALLHOWARD-LDRS1U12 Datasheet
224Kb / 2P
LIGHT DUTY RACK SHELVES
LDRS1U12V KENDALLHOWARD-LDRS1U12V Datasheet
224Kb / 2P
LIGHT DUTY RACK SHELVES
LDRS1U6 KENDALLHOWARD-LDRS1U6 Datasheet
156Kb / 2P
LIGHT DUTY RACK SHELVES
LDRS1U6V KENDALLHOWARD-LDRS1U6V Datasheet
156Kb / 2P
LIGHT DUTY RACK SHELVES
LDRS2U12V KENDALLHOWARD-LDRS2U12V Datasheet
271Kb / 2P
LIGHT DUTY RACK SHELVES
LDRS2U16 KENDALLHOWARD-LDRS2U16 Datasheet
271Kb / 2P
LIGHT DUTY RACK SHELVES
LDRS2U16V KENDALLHOWARD-LDRS2U16V Datasheet
271Kb / 2P
LIGHT DUTY RACK SHELVES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com