Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS4000 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # AFS4000
Description  Rack Mountable Power Shelves
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AFS4000 Datasheet(HTML) 3 Page - Artesyn Technologies

  AFS4000 Datasheet HTML 1Page - Artesyn Technologies AFS4000 Datasheet HTML 2Page - Artesyn Technologies AFS4000 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE 3
CHASSIS GND
(#9-32 STUDS)
CUSTOMER 200-240 VAC INPUTS
HUBBELL H320BL
MATE - USE 20 AMP POWER CORD WITH
HUBBELL H320C CONNECTOR
AFE2000 SERIES
HOT PLUGGABLE
POWER SUPPLIES
VIEW A-A
REAR VIEW
AC SECTION
BREAKERS/LINE FILTERS
CLEARANCE TO ACCOMMODATE
CABINET RAIL MTG/SUPPORT
DIMENSIONS IN INCHES (MM)
MOUNTING BRACKETS
OPTIONAL LOCATION
A
A
0.093 (2.36) REF
0.406
(10.312)
0.265
(6.731)
13.70
(347.98)
17.32
(439.93)
ALLOW 6" CLEARANCE
FRONT/BACK TO INSURE
ADEQUATE COOLING
NORMAL
AIR FLOW
0.12
(3.05)
1.50
(38.10)
REF
1.750
(44.45)
1.750
(44.45)
1.750
(44.45)
6.97
(177.04)
0.86
(21.84)
18.08 (459.23)
18.98 (482.09)
V OUT
V OUT
AC GOOD
FAIL
PWR GOOD
AC GOOD
FAIL
PWR GOOD
AC GOOD
FAIL
PWR GOOD
V OUT
CUSTOMER DC OUTPUT
POWER BUS ACCESS
(THREE 10-32 STUDS
EACH OUTPUT)
CUSTOMER SIGNAL
ACCESS (CONNECTOR)
MATE - USE 37 PIN
D-TYPE CONNECTOR
VENT AREA
(KEEP FREE OF OBSTRUCTIONS)
Mechanical Notes for AFS6000-4U3P Interface Drawing
1
All dimensions in inches (mm).
AFS4000 and AFS6000 Rack-mountable
power shelves for AFE2000 series modules
2000W AC/DC
|
DISTRIBUTED POWER FRONT END AC/DC POWER SUPPLIES
Data Sheet © Artesyn Technologies® 2001
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com