Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS4000 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AFS4000
Description  Rack Mountable Power Shelves
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AFS4000 Datasheet(HTML) 2 Page - Artesyn Technologies

  AFS4000 Datasheet HTML 1Page - Artesyn Technologies AFS4000 Datasheet HTML 2Page - Artesyn Technologies AFS4000 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
International Safety Standard Approvals
EN60950/IEC950 File No. E9972397
UL1950 File No. E135734
AFS4000 and AFS6000 Rack-mountable
power shelves for AFE2000 series modules
DISTRIBUTED POWER FRONT END AC/DC POWER SUPPLIES
|
2000W AC/DC
PAGE 2
http://www.artesyn.com
A
AIR FLOW
NORMAL
ALLOW 6" CLEARENCE
FRONT / BACK TO
INSURE ADEQUATE
COOLING
CUSTOMER SIGNAL
ACCESS (CONNECTOR)
MATE - USE 25 PIN
D-TYPE CONNECTOR
0.406
(10.312)
TYP
5.22
(132.59)
18.31 (465.07)
19.00 (482.60)
2.250
(57.150)
0.265
(6.731)
TYP
VENTING FOR POWER SYSTEM
OPTION SLOT PWB - FARSIDE
MOUNTING BRACKETS
OPTIONAL LOCATION
CLEARANCE TO ACCOMMODATE
CABINET RAIL MTG/SUPPORT
0.093 (2.362) REF
13.5 (342.90)
0.12
(3.05)
17.32
(439.93)
A
1.50
(31.0)
REF
CHASSIS GND
(#8-32 STUDS)
VENT AREA
(KEEP FREE OF OBSTRUCTIONS)
VIEW A-A
REAR VIEW
CUSTOMER 200-240 VAC INPUTS
HUBBELL H320BL
MATE - USE 20 AMP POWER CORD
WITH HUBBELL H320C CONNECTOR
AC SECTION
BREAKERS/LINE FILTERS
POWER SYSTEM
OPTION SLOT
AFE2000 SERIES
HOT PLUGGABBLE
POWER SUPPLIES
CUSTOMER DC OUTPUT
POWER BUS ACCESS
(TWO 10-32 STUDS
EACH OUTPUT
1.49 (37.85)
Mechanical Notes for AFS4000-2U2P Interface Drawing
1
All dimensions in inches (mm).
Please consult our website for the following items: ✔ Application Note



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com