Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN15WI Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TEN15WI
Description  DC/DC Converters TEN 15WI Series, 15 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TEN15WI Datasheet(HTML) 2 Page - TRACO Electronic AG

  TEN15WI Datasheet HTML 1Page - TRACO Electronic AG TEN15WI Datasheet HTML 2Page - TRACO Electronic AG TEN15WI Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.tracopower.com
Page 2 of 3
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Input Specifications
Input current at no load
24 Vin models:
25 mA typ.
48 Vin models:
15 mA typ.
Input current at full load
24 Vin;
3.3 Vout models:
528 mA typ.
24 Vin;
other output models:
740 mA typ.
48 Vin;
3.3 Vout models:
264 mA typ.
48 Vin;
other output models:
370 mA typ.
Surge voltage
24 Vin models:
50 V max.
(100 msec. max.)
48 Vin models:
100 V max.
Conducted noise (input)
EN 55022 level A, FCC part 15, level A
Output Specifications
Voltage set accuracy
±1 %
Regulation
– Input variation Vin min. to Vin max.
0.5 % max.
– Load variation 10 – 100 %
1 % max.
Ripple and noise (20 MHz Bandwidth)
80 mVpk-pk max.
Temperature coefficient
±0.02 %/K
Output current limitation
>110 % of Iout max., foldback
Short circuit protection
indefinite (automatic recovery)
Capacitive load
single output models:
470 µF max.
dual output models:
220 µF max.
General Specifications
Temperature ranges
– Operating
–40°C to +85°C (–40F to +185°F)
– Case temperature
+100°C max.
– Storage
–55°C to +125°C (–67°F to +257°F)
Load derating
– without heatsink
2.5 %/K above 60°C
– with heatsink
3.3 %/K above 70°C
Humidity (non condensing)
95 % rel H max.
Reliability, calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>700’000 h
Isolation voltage (60 sec.)
– Input/Output
1‘500 VDC
Isolation capacitance
– Input/Output
1200 pF typ
Isolation resistance
– Input/Output (500 VDC)
>1’000 MOhm
Switching frequency (fixed)
330 kHz typ. (pulse width modulation)
Remote On/Off:
– On:
2.5 ... 5.5 VDC or open circuit.
– Off:
-0.7 ... 0.8 VDC or short circuit pin 2 and pin 6
– Off idle current:
10 mA max.
Safety approvals
cUL/UL 60950-1, IEC/EN 60950-1
– Certification documents
www.tracopower.com/overview/ten15wi
Environmental compliance
– Reach
www.tracopower.com/info/reach-declaration.pdf
– RoHS
RoHS directive 2011/65/EU
DC/DC Converters
TEN 15WI
15 Watt
Physical Specifications
Casing material
copper, nickel plated
Baseplate material
non conductive FR4
Potting material
Epoxy (UL 94 V-0 rated)
Weight
32 g (1.09oz)
Soldering temperature
max. 265°C / 10 sec.
Thermal Impedance
12.2 K/W typ.
9.2 K/W typ. (with Heatsink)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com