Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN15WI Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TEN15WI
Description  DC/DC Converters TEN 15WI Series, 15 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TEN15WI Datasheet(HTML) 1 Page - TRACO Electronic AG

  TEN15WI Datasheet HTML 1Page - TRACO Electronic AG TEN15WI Datasheet HTML 2Page - TRACO Electronic AG TEN15WI Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
Page 1 of 3
Features
u Ultra-wide 4:1 input range
u High efficiency up to 86 %
u Extended operating temperature range
–40°C to +85°C max.
u Indefinite short circuit protection
u I/O isolation 1500 VDC
u Built-in filter meets EN 55022, Class A and
FCC, Level A without external components
u Remote On/Off
u Industry standard pinout
u Six-side shielded case
u Lead free design, fully RoHS compliant
u 3–year product warranty
DC/DC Converters
TEN 15WI Series, 15 Watt
The TEN 15WI series of DC/DC converters, comprising 10 different models, has
been designed for a wide range of applications including communications, industrial
systems and battery powered equipments. Full SMD-design with use of ceramic
chip capacitors guarantees a high reliability and a long lifetime. Other features of
this converters are internal filter to meet EN 55022, class A and FCC, level A and
an extended temperature range of –40°C to +85°C.
Ordercode
Input voltage range
Output voltage
Output current max.
Efficiency typ.
TEN 15-2410WI
3,3 VDC
3’000 mA
78 %
TEN 15-2411WI
5,1 VDC
2‘950 mA
82 %
TEN 15-2412WI
9 – 36 VDC
12 VDC
1’250 mA
85 %
TEN 15-2422WI
(24 VDC nominal)
±12 VDC
±625 mA
85 %
TEN 15-2423WI
±15 VDC
±500 mA
86 %
TEN 15-4810WI
3,3 VDC
3’000 mA
78 %
TEN 15-4811WI
5,1 VDC
2‘950 mA
82 %
TEN 15-4812WI
18 – 75 VDC
12 VDC
1’250 mA
85 %
TEN 15-4822WI
(48 VDC nominal)
±12 VDC
±625 mA
85 %
TEN 15-4823WI
±15 VDC
±500 mA
86 %
Models
UL 60950-1
not recommended
for new
design in


Similar Part No. - TEN15WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN15 TRACOPOWER-TEN15 Datasheet
395Kb / 4P
DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
TEN15-1210 TRACOPOWER-TEN15-1210 Datasheet
395Kb / 4P
DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
TEN15-1211 TRACOPOWER-TEN15-1211 Datasheet
395Kb / 4P
DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
TEN15-1212 TRACOPOWER-TEN15-1212 Datasheet
395Kb / 4P
DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
TEN15-1213 TRACOPOWER-TEN15-1213 Datasheet
395Kb / 4P
DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
More results

Similar Description - TEN15WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THL15WI TRACOPOWER-THL15WI Datasheet
906Kb / 4P
DC/DC Converter THL 15WI Series, 15 Watt
Rev. Januaryy 19, 2023
THM15WI TRACOPOWER-THM15WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 15WI Series, 15 Watt
Rev. November 30, 2022
THN15WI TRACOPOWER-THN15WI Datasheet
877Kb / 4P
DC/DC Converter THN 15WI Series, 15 Watt
Rev. February 9, 2023
TEN12WI TRACOPOWER-TEN12WI Datasheet
218Kb / 3P
DC/DC Converters TEN 12WI Series, 12 Watt
Rev. October 6, 2021
TEN15 TRACOPOWER-TEN15 Datasheet
395Kb / 4P
DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
TEN20 TRACOPOWER-TEN20 Datasheet
266Kb / 3P
DC/DC Converters TEN 20 Series, 20 Watt
Rev. March 17, 2022
TEN3 TRACOPOWER-TEN3 Datasheet
274Kb / 3P
DC/DC Converters TEN 3 Series, 3 Watt
Rev. February 20, 2023
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
TEN5 TRACOPOWER-TEN5 Datasheet
248Kb / 3P
DC/DC Converters TEN 5 Series, 6 Watt
Rev. February 20, 2023
TON15WI TRACOPOWER-TON15WI Datasheet
210Kb / 3P
DC/DC Converters TON 15WI Series, 15 Watt
Rev. March 21, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com