Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN15WI Datasheet(PDF) 3 Page - TRACO Electronic AG

Part # TEN15WI
Description  DC/DC Converters TEN 15WI Series, 15 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TEN15WI Datasheet(HTML) 3 Page - TRACO Electronic AG

  TEN15WI Datasheet HTML 1Page - TRACO Electronic AG TEN15WI Datasheet HTML 2Page - TRACO Electronic AG TEN15WI Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
DC/DC Converters
TEN 15WI
15 Watt
Outline Dimensions
50.8 (2.00)
Insulated baseplate
Bottom View
Ø1.0 (Ø0.04)
20.32
(0.800)
1
3
4
5
2
6
15.2
(0.60)
Pin
Single
Dual
1
+Vin (Vcc)
+Vin (Vcc)
2
–Vin (GND)
–Vin (GND)
3
+Vout
+Vout
4
No pin
Common
5
–Vout
–Vout
6
Remote On/Off
Pin-Out
Rev. March 17, 2023
Dimensions in [mm], () = Inch
Pin diameter: 1.0 ±0.05 (0.039 ±0.002)
Pin pitch tolerances: ±0.25 (±0.01)
Casing tolerances: x.x ±0.5 (x.xx ±0.02)
x.xx ±0.13 (x.xxx ±0.005)
Note:
Before attaching the heatsink, the product
label on converter has to be removed for
optimal performance.
For volume orders we can supply the
converters with heatsink already mounted.
Please contact us for a relative quotation.
Order code: TEN-HS4
(cont.: heat-sink, thermal pad, 2 clamps)
Material:
Aluminum
Finish:
Anodic treatment (black)
Weight:
9 g (0.31oz) without converter
18.0 (0.71)
max.
Converter
Heat-sink
Thermal pad
Clamp
31.1 (1.22)
Heat-sink TEN-HS4 (optional)
Heat-Sink (Option)
Supporting documents: www.tracopower.com/overview/ten15wi



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com