Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN3WI Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TEN3WI
Description  DC/DC Converters TEN 3WI Series, 3 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TEN3WI Datasheet(HTML) 2 Page - TRACO Electronic AG

  TEN3WI Datasheet HTML 1Page - TRACO Electronic AG TEN3WI Datasheet HTML 2Page - TRACO Electronic AG TEN3WI Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.tracopower.com
Page 2 of 3
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
DC/DC Converters
TEN 3WI Series
3 Watt
Input Specifications
Input current no load /full load
24 Vin models
20 mA typ. / 150 mA typ.
48 Vin models
10 mA typ. / 75 mA typ.
Start-up voltage /
24 Vin models
9 VDC / 8.5 VDC typ.
under voltage shut down
48 Vin models
18 VDC / 16 VDC typ.
Surge voltage (1 sec. max.)
24 Vin models
50 V max.
48 Vin models
100 V max.
Conducted noise (input)
EN 55022 level A, FCC part 15, level A
Output Specifications
Voltage set accuracy
±2.0 % max.
Regulation
– Input variation Vin min. to Vin max.
1.0 % max.
– Load variation 10 – 100 %
single output models
1.0 % max.
dual output models
3.0 % max. (balanced load)
Ripple and noise (20 MHz Bandwidth)
75 mVpk-pk max
Temperature coefficient
0.02 %/K
Current limitation
>110 % of Iout max., constant current
Transient response (25% load step change)
300 µs typ.
Short circuit protection
indefinite (automatic recovery)
Capacitive load
3.3 VDC models
680 µF max.
5 VDC models
470 µF max.
12 VDC models
330 µF max.
12 VDC models
220 µF max.
±12 VDC models
150 µF max. (for each output)
±15 VDC models
100 µF max. (for each output)
General Specifications
Temperature ranges
– Operating
–40°C to +85°C
– Casing
+100°C max.
– Storage
–55°C to +125°C
Derating
3.5 %/K above 70°C
Humidity (non condensing)
95 % rel H max.
Reliability, calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>1 Mio. h
Isolation voltage (60 sec.)
– Input/Output
1’500 VDC
Isolation capacitance
– Input/Output
380 pF typ
Isolation resistance
– Input/Output (500 VDC)
>1‘000 M Ohm
Switching frequency
250 - 350 kHz (PWM)
Safety standards
UL 60950-1 , IEC/EN 60950-1
Environmental compliance
– Reach
www.tracopower.com/info/reach-declaration.pdf
– RoHS
RoHS directive 2011/65/EU



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com