Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN3WI Datasheet(PDF) 3 Page - TRACO Electronic AG

Part # TEN3WI
Description  DC/DC Converters TEN 3WI Series, 3 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TEN3WI Datasheet(HTML) 3 Page - TRACO Electronic AG

  TEN3WI Datasheet HTML 1Page - TRACO Electronic AG TEN3WI Datasheet HTML 2Page - TRACO Electronic AG TEN3WI Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
DC/DC Converters
TEN 3WI Series
3 Watt
Physical Specifications
Casing material
non conductive black plastic
Potting material
epoxy (UL94V-0 rated)
Weight
12 g (0.42 oz)
Soldering temperature
max. 265°C / 10 sec.
Outline Dimensions mm (inches)
All dimensions in mm (inch)
Tolerances: x.x ±0.25 (x.xx ±0.01)
x.xx ±0.13 (x.xx ±0.005)
Pin diameter tolerances: x.x ±0.5 (x.xx ±0.005)
NC = Not connected
Pin
Single
Dual
2
–Vin (GND)
–Vin (GND)
3
–Vin (GND)
–Vin (GND)
9
No pin
Common
11
NC
–Vout
14
+Vout
+Vout
16
–Vout
Common
22
+Vin (Vcc)
+Vin (Vcc)
23
+Vin (Vcc)
+Vin (Vcc)
Pin-Out
Rev. February 20, 2023
4.5
22.86(0.9)
2.54
31.8 (1.25)
911
22
23
23
16
14
Bottom view
15.24 (0.600)
Ø0.5 (Ø0.02)
5.08
(0.18)
(0.100)
(0.200)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com