Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN3WI Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TEN3WI
Description  DC/DC Converters TEN 3WI Series, 3 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TEN3WI Datasheet(HTML) 1 Page - TRACO Electronic AG

  TEN3WI Datasheet HTML 1Page - TRACO Electronic AG TEN3WI Datasheet HTML 2Page - TRACO Electronic AG TEN3WI Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
Page 1 of 3
DC/DC Converters
TEN 3WI Series, 3 Watt
Features
u Ultra-wide 4:1 input range
u Full SMD-Design
u High efficiency up to 84%
u Extended operating temperature
range –40°C to +85°C
u Excellent load and line regulation
u Indefinite short-circuit protection
u I/O isolation 1’500 VDC
u Input filter to meet EN 55022, Class A and
FCC, level A without external components
u Lead free design, fully RoHS compliant
u 3-year product warranty
The TEN 3WI series is a family of dc-dc converter modules with 3W output power,
featuring ultra wide 4:1 input voltage ranges of 9-36VDC or 18-75VDC. They come in
a DIP-24 plastic package with industry-standard footprint. A high efficiency up to 84%
allows operation ambient temperatures of –40°C to +70°C at full load.
A built-in EMI input filter complies with EN 55022,class A without need of external
components. Further standard features include over voltage protection and continuous
short circuit protection. Typical applications for these converters are battery opera-
ted equipment and distributed power architectures in communication, instrumentation
and industrial electronics, everywhere where isolated, tightly regulated voltages are
required.
Ordercode
Input voltage range
Output voltage
Output current max.
Efficiency typ.
TEN 3-2410WI
3.3 VDC
750 mA
75 %
TEN 3-2411WI
5 VDC
600 mA
79 %
TEN 3-2412WI
9 – 36 VDC
12 VDC
250 mA
81 %
TEN 3-2413WI
(24 VDC nominal)
15 VDC
200 mA
82 %
TEN 3-2422WI
±12 VDC
±125 mA
80 %
TEN 3-2423WI
±15 VDC
±100 mA
80 %
TEN 3-4810WI
3.3 VDC
750 mA
76 %
TEN 3-4811WI
5 VDC
600 mA
80 %
TEN 3-4812WI
18 – 75 VDC
12 VDC
250 mA
83 %
TEN 3-4813WI
(48 VDC nominal)
15 VDC
200 mA
84 %
TEN 3-4822WI
±12 VDC
±125 mA
82 %
TEN 3-4823WI
±15 VDC
±100 mA
82 %
Models
UL 60950-1
IEC 60950-1


Similar Part No. - TEN3WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN3WIN TRACOPOWER-TEN3WIN Datasheet
921Kb / 4P
TEN 3WIN Series, 3 Watt
Rev. Januaryy 19, 2023
TEN3WIRH TRACOPOWER-TEN3WIRH Datasheet
969Kb / 5P
TEN 3WIRH Series, 3 Watt
Rev. November 30, 2022
More results

Similar Description - TEN3WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THR3WI TRACOPOWER-THR3WI Datasheet
882Kb / 4P
DC/DC Converter THR 3WI Series, 3 Watt
Rev. November 30, 2022
TMR3WI TRACOPOWER-TMR3WI Datasheet
974Kb / 4P
DC/DC Converter TMR 3WI Series, 3 Watt
Rev. November 30, 2022
TEN12WI TRACOPOWER-TEN12WI Datasheet
218Kb / 3P
DC/DC Converters TEN 12WI Series, 12 Watt
Rev. October 6, 2021
TEN15 TRACOPOWER-TEN15 Datasheet
395Kb / 4P
DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
TEN20 TRACOPOWER-TEN20 Datasheet
266Kb / 3P
DC/DC Converters TEN 20 Series, 20 Watt
Rev. March 17, 2022
TEN3 TRACOPOWER-TEN3 Datasheet
274Kb / 3P
DC/DC Converters TEN 3 Series, 3 Watt
Rev. February 20, 2023
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
TEN5 TRACOPOWER-TEN5 Datasheet
248Kb / 3P
DC/DC Converters TEN 5 Series, 6 Watt
Rev. February 20, 2023
THL3WI TRACOPOWER-THL3WI Datasheet
272Kb / 3P
DC/DC Converters THL 3WI(SM) Series, 3 Watt
Rev. March 6, 2023
THL3WISM TRACOPOWER-THL3WISM Datasheet
272Kb / 3P
DC/DC Converters THL 3WI(SM) Series, 3 Watt
Rev. March 6, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com