Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC125B Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC125B
Description  QUAD BUS BUFFERS (3-STATE)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC125B Datasheet(HTML) 1 Page - STMicroelectronics

  74AC125B Datasheet HTML 1Page - STMicroelectronics 74AC125B Datasheet HTML 2Page - STMicroelectronics 74AC125B Datasheet HTML 3Page - STMicroelectronics 74AC125B Datasheet HTML 4Page - STMicroelectronics 74AC125B Datasheet HTML 5Page - STMicroelectronics 74AC125B Datasheet HTML 6Page - STMicroelectronics 74AC125B Datasheet HTML 7Page - STMicroelectronics 74AC125B Datasheet HTML 8Page - STMicroelectronics 74AC125B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
July 2001
s
HIGH SPEED: tPD = 4ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 125
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74AC125 is an advanced high-speed CMOS
QUAD BUS BUFFER fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology.
The device requires the 3-STATE control input G
to be set high to place the output go in to the high
impedance state.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74AC125
QUAD BUS BUFFERS (3-STATE)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74AC125B
SOP
74AC125M
74AC125MTR
TSSOP
74AC125TTR
TSSOP
DIP
SOP


Similar Part No. - 74AC125B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC125 FAIRCHILD-74AC125 Datasheet
90Kb / 9P
Quad Buffer with 3-STATE Outputs
logo
Hitachi Semiconductor
74AC125 HITACHI-74AC125 Datasheet
51Kb / 8P
Quad Buffer/Line Driver with 3-State Output
logo
National Semiconductor ...
74AC125 NSC-74AC125 Datasheet
162Kb / 8P
Quad Buffer with TRI-STATE Outputs
logo
ON Semiconductor
74AC125 ONSEMI-74AC125 Datasheet
142Kb / 9P
Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74AC125 FAIRCHILD-74AC125 Datasheet
309Kb / 10P
Quad Buffer with 3-STATE Outputs
More results

Similar Description - 74AC125B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT125 STMICROELECTRONICS-74ACT125 Datasheet
75Kb / 8P
QUAD BUS BUFFERS 3-STATE
May-1997
74LVQ125 STMICROELECTRONICS-74LVQ125 Datasheet
61Kb / 8P
QUAD BUS BUFFERS 3-STATE
Feb-1999
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
QUAD BUS BUFFERS 3-STATE
Jun-1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
QUAD BUS BUFFERS (3-STATE)
Jun-1999
74VHCT125A STMICROELECTRONICS-74VHCT125A Datasheet
60Kb / 8P
QUAD BUS BUFFERS 3-STATE
Aug-1999
74VHCT126A STMICROELECTRONICS-74VHCT126A Datasheet
60Kb / 8P
QUAD BUS BUFFERS 3-STATE
Mar-2000
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
M54HCT125 STMICROELECTRONICS-M54HCT125 Datasheet
254Kb / 10P
QUAD BUS BUFFERS 3-STATE
Oct-1993
74ACT125MTR STMICROELECTRONICS-74ACT125MTR Datasheet
178Kb / 9P
QUAD BUS BUFFERS (3-STATE)
Jul-2001
74VHC125 STMICROELECTRONICS-74VHC125_04 Datasheet
239Kb / 12P
QUAD BUS BUFFERS (3-STATE)
12-Nov-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com