Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP350 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # CMP350
Description  Quad output 350 Watt AC/DC high wattage power supplies with PFC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CMP350 Datasheet(HTML) 4 Page - Artesyn Technologies

  CMP350 Datasheet HTML 1Page - Artesyn Technologies CMP350 Datasheet HTML 2Page - Artesyn Technologies CMP350 Datasheet HTML 3Page - Artesyn Technologies CMP350 Datasheet HTML 4Page - Artesyn Technologies CMP350 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Notes
1
The unit must be powered up into the recommended minimum loads to
ensure the outputs come up.
2
Combined maximum output power for Aux. 1, 2 and 3 is 220W.
3
For models -9604 and -9692, on the aux 1 channel, output ripple and
noise is measured 6 inches down the output cables through a 1 foot long
twisted pair terminated with a parallel combination of a 10µF electrolytic
and a 0.1µF ceramic capacitors. For all other channels on all models,
ripple and noise is measured directly at the output terminals.
4
No shutdown or latch-up occurs; voltage is internally limited to specified
range.
5
Aux. 2 tracks Aux. 3, Aux. 4 not adjustable.
6
Aux. 3 tracks Aux. 2.
7
Output is not adjustable.
8
CMP350-9604 rated operation:
The auxiliary channels must share power as indicated by graph 1.
The maximum output power is 220W.
9
CMP350-9692 rated operation:
The auxiliary channels must share power as indicated by graph 2.
The maximum output power is 220W.
10 A minimum of 300LFM of forced air cooling is required for proper
operation of the CMP350.
11 All outputs must be derated linearly from maximum specified loads during
operation above 50
°C.
12 Current share is a single wire share circuit that allows the main output on
multiple CMP350 units to be operated in parallel. Auxiliary channels share
on -9604 and -9692 models by connecting the CSAUX channel.
13 The power fail detect and power OK signals are open-collector outputs
which will sink 40mA or less in the low state and should be pulled up to a
bias voltage with an appropriately sized resistor.
Min.
Max.
VOL
0V
0.4V
IOL
0A
-40mA
VOH
4V
40V
The system inhibit and output inhibit signals require a current source to be
asserted high.
Min.
Max.
VIH
3.5V
15.0V
IIH
0mA
-10mA
14 Connection from TRIMAUX2 to AUX1SET causes the output for Ch. aux. 1
on models -9604 and -9692 to regulate at its nominal factory set voltage.
15 3 orthogonal axes, random vibration, 10 minute test per axes.
16 This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
t1
t2
t1 Varies with line and load
t2
≥ 4ms
t1 + t2
≥ 20ms
OUTPUT
PFD SIGNAL
AC INPUT
POWER GOOD SIGNAL
FEATURES
Current share
Forced
Main output and
(See Note 12)
auxiliary 1 if 5V or 3.3V
Power OK
Asserted Low
Main output >75%
(See Note 13)
Remote-sense
0.4V
Main output and
auxiliary 1 if 5V or 3.3V
System inhibit
Asserted high
Inhibits all outputs
Power fail detect
Asserted low
Indicates loss of AC
(See Note 13)
4ms warning
15A
* Max. load for AUX2 is 10A
Max load for AUX3 is 5A
Graph 1
3.3 V Channel Load
RATED
OPERATION
10A
5A
0A
20A
15A
10A
5A
10A
8A
Sum of 12V
Channel
Loads*
15A
* Max. load for AUX2 is 10A
Max load for AUX3 is 5A
Graph 2
5V Channel Load
RATED
OPERATION
10A
5A
0A
15A
10A
5A
10A
8A
Sum of 12V
Channel
Loads*
TRIM
DOWN
12CH1
GND1
TRIMAIN
TRIM
UP
TRIM
UP/DOWN
Main channel trim connections
TRIM
UP
TRIM
DOWN
12CH2
GND2
TRIMAUX
TRIM
UP/DOWN
Aux. 1 channel trim connections. (-9601, -9602, -9603, 9606)
Aux. 2 channel trim connections (-9604, -9692)
Aux. 1 channel trim connections (-9604, -9692)
TRIMAUX2 is connected to
AUX1SET by a factory fitted
jumper to ensure CH. 1
regulates at the nominal
set voltage
To trim CH1, remove the
jumper and connect a resistor
between GND3
and TRIMAUX2
TRIMAUX2
AUX1SET
TRIM
UP/DOWN
TRIMAUX2
GND3
350 Watt
AC/DC high wattage power supplies with PFC
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
|
350W AC/DC
PAGE 65
http://www.artesyn.com
EXTERNAL OUTPUT TRIMMING (14)
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com