Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP350 Datasheet(PDF) 5 Page - Artesyn Technologies

Part # CMP350
Description  Quad output 350 Watt AC/DC high wattage power supplies with PFC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CMP350 Datasheet(HTML) 5 Page - Artesyn Technologies

  CMP350 Datasheet HTML 1Page - Artesyn Technologies CMP350 Datasheet HTML 2Page - Artesyn Technologies CMP350 Datasheet HTML 3Page - Artesyn Technologies CMP350 Datasheet HTML 4Page - Artesyn Technologies CMP350 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Mechanical notes
A
A standard cover and fan assembly can be added during manufacturing.
To order, add suffix 'CF' to the model number. e.g. CMP350-9601CF.
B
Visual arrangement for J1 as seen from the front (output) side of the unit.
C The dimensions of the CMP350-9604 and CMP350-9692 are slightly larger
than shown below. The open frame dimensions are 10.2 x 5 x 1.75 inches
and the enclosed dimensions are 10.7 x 5 x 1.75 inches.
Mating connectors
(J1) mating connector type
Molex P/N 22-55-2241 or equivalent with Molex
P/N 70058 or equivalent crimp terminals.
Input connector
IEC for all enclosed models (suffix ‘-CF’).
3-way 0.375 inch pitch terminal block for
uncovered models.
Output connectors
(TB2) connector type
For models -9601, -9602, -9603 and -9606
8-way 0.197 inch pitch terminal.
(TB2) connector type
For models -9604 and -9692
6-way 0.197 inch pitch terminal block.
(TB3) connector type
For models -9604 and -9692.
2-way 0.375 inch pitch terminal block.
J1-1
J1A-12
J1-12
J1A-1
User Interface Connector J1 View
Vertical mount 2 row, 24 position
8
1
3.900
(99.06)
6.500
(165.1)
0.870
(22.098)
1/4 - 20 UNC Thread
Output Studs
AC Input
Terminal
Block
2.250
(57.15)
0.164-32-UNC-2B (6 Places)
(2 On Side, 4 On Bottom)
3/16" (4.76) Max. Thread Penetration - Typ.
Third Angle
Projection
Tolerances unless otherwise specified
.xx
=
± 0.02
.xxx
=
± 0.010
HI
GND
LO
TB1
6.500
(165.100)
2.250
(57.150)
0.400
(10.160)
10.000
(254.000)
9.90
(251.46)
0.410
(10.414)
0.125 REF.
(3.175)
5.00 +0.00/-0.02
(127.00)
1.75
(44.45)
See Mechanical Note C
TB2
J1
ALL DIMENSIONS IN INCHES (mm)
1
8
J1
TB3
VMAIN +
VMAIN -
TB2
1
2
1
6
Detail:
TB2 is a 6 way connector on models -
9604 and -9692 as shown above.
PAGE 66
350 Watt
AC/DC high wattage power supplies with PFC
350W AC/DC
|
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com