Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP350 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # CMP350
Description  Quad output 350 Watt AC/DC high wattage power supplies with PFC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CMP350 Datasheet(HTML) 1 Page - Artesyn Technologies

  CMP350 Datasheet HTML 1Page - Artesyn Technologies CMP350 Datasheet HTML 2Page - Artesyn Technologies CMP350 Datasheet HTML 3Page - Artesyn Technologies CMP350 Datasheet HTML 4Page - Artesyn Technologies CMP350 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMP350 SERIES
Quad output
[ 2 YEAR WARRANTY ]
• 10 x 5 inch footprint with 1.75 inch low profile
• EN61000-3-2 compliant
• Current sharing
• Individually protected outputs
• Power fail signals
• 350W with 300LFM
• EN55022, EN55011 conducted emissions level B
• UL, VDE and CSA safety approvals
The CMP350 series is a 350W universal input AC/DC power supply in a 10 x 5 x
1.75 inch package. The series has the lowest standard 350W profile in the
industry, input harmonic current emission correction as standard, current sharing
and has 3.3V models to support the industry's transition from 5V to lower
operating voltages. The CMP350 provides 350W of output power with 300LFM of
forced air. Standard features include isolated outputs with individual overvoltage
and overload protection on each output. The series has an enclosure with end-
mounted fans option that does not change the overall height. The series, with full
international safety approval and the CE mark, meets conducted emissions
EN55022 level B and has immunity compliance to EN61000-4-2,-3,-4, -5, -6. The
CMP350 series is designed for use in medium power data networking, computer
and telecom applications such as hubs, routers, file servers, graphic workstations
and mass storage peripherals. It is also suitable for industrial, test and office
applications.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 62
EMC CHARACTERISTICS
Conducted emissions
EN55022, FCC part 15
Level B
Radiated emissions
EN55022, FCC part 15
Level A
Harmonic current
EN61000-3-2
Compliant
emission correction
ESD air
EN61000-4-2
Level 3
ESD contact
EN61000-4-2
Level 3
Surge
EN61000-4-5
Level 3
Fast transients
EN61000-4-4
Level 3
Radiated immunity
EN61000-4-3
Level 3
Conducted immunity
EN61000-4-6
Level 3
GENERAL SPECIFICATIONS
Hold-up time
110VAC, 60Hz, 350W
16ms
Efficiency
75% typical
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Output/output
50VDC
Switching frequency
150kHz
Approvals and
EN60950, VDE0805, UL1950,
standards
CSA C22.2 No. 950
Weight
2.0kg (4.4Ibs)
Size
Open frame
10.0 x 5 x 1.75 inches
(See Note C)
Enclosed
10.5 x 5 x 1.75 inches
MTBF
MIL-HDBK-217F
212,707 hours
Bellcore TR-NWT-332
959,870 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient, FL
0°C to +50°C
Cooling
300LFM airflow required
+50°C to +70°C,
Derate to 50% load
ambient
on all channels
Non-operating
-40°C to +85°C
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 15)
5Hz to 500Hz
2.4G rms peak
OUTPUT SPECIFICATIONS
Output accuracy
±1.0%
Total regulation
Main and auxiliary V1 output
±1.0%
(Line and load)
Auxiliary output (V2)
±6.0%
Auxiliary output (V3)
±5.0%
Transient response
Main output
2.0% max. dev.,
25% step load
500µs recovery
change at 1A/µs
Temperature coefficient
±0.02%/°C
Ripple and noise
0Hz to 20MHz
50mV pk-pk
(See Note 3)
or 1.0%
Overvoltage protection
Latching
See table
Short circuit protection
All channels
Continuous,
auto recovery
Overload protection
All channels
Yes
Thermal protection
Auto shutdown,
auto recovery
Current sharing
Main output and
±10% of rating
Aux. 1 (5V and 3V3)
INPUT SPECIFICATIONS
Input voltage range
Universal
90 to 264VAC
(30s brown-out at 85VAC)
Input frequency range
47Hz to 63Hz
Input surge voltage
300VAC
20ms
Inrush current
264VAC, cold start
75A max.
Safety ground
0.72mA
leakage current
Input current
110VAC, 350W
4.2Arms max.
Input fuse
UL, IEC approved
6.3A 250V
Power factor
110/220VAC full load
0.97 min.


Similar Part No. - CMP350

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CMP3-L CAMPBELL-CMP3-L Datasheet
787Kb / 2P
Pyranometers, quantum sensors, and net radiometers
03/30/2020
More results

Similar Description - CMP350

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
M3000 ARTESYN-M3000 Datasheet
62Kb / 4P
Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
N1000 ARTESYN-N1000 Datasheet
65Kb / 4P
Single, dual, triple and quad output 1000 and 1200 Watt AC/DC high wattage power supplies with PFC
N1500 ARTESYN-N1500 Datasheet
63Kb / 4P
Single, and dual output 1500 and 2000 Watt AC/DC high wattage power supplies with PFC
NFS350 ARTESYN-NFS350 Datasheet
238Kb / 4P
Triple and quad output 350 Watt AC/DC universal input switch mode power supplies
logo
Wall Industries,Inc.
PS2K4 WALL-PS2K4 Datasheet
171Kb / 4P
With PFC 2400 Watt Single Output AC/DC Switching Power Supply
logo
Murata Power Solutions ...
CF350-A24C MURATA-PS-CF350-A24C Datasheet
129Kb / 4P
350 Watt High Density AC/DC Power Supply
logo
Intronics Power, Inc.
AC350 INTRONICS-AC350 Datasheet
183Kb / 2P
350 WATT SINGLE OUTPUT U FRAME AC-DC POWER SUPPLY WITH PFC
logo
XP Power Limited
SMP350 XPPOWER-SMP350 Datasheet
959Kb / 6P
AC-DC Power Supplies 350 Watts
logo
CINCON ELECTRONICS Corp...
CFM200M CINCON-CFM200M Datasheet
461Kb / 3P
200 WATT AC-DC POWER SUPPLY WITH PFC
CFM351M CINCON-CFM351M Datasheet
336Kb / 2P
350 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com