Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2000 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # L2000
Description  Single output 2000 Watt AC/DC high current power supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

L2000 Datasheet(HTML) 4 Page - Artesyn Technologies

  L2000 Datasheet HTML 1Page - Artesyn Technologies L2000 Datasheet HTML 2Page - Artesyn Technologies L2000 Datasheet HTML 3Page - Artesyn Technologies L2000 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EFFICIENCY V'S OUTPUT CURRENT
85
84
83
82
81
80
79
78
77
76
75
74
73
0
200
400
600
Output Current (AMPS) @ 5VDC
M-CASE
L-CASE
POWER FACTOR V'S OUTPUT CURRENT
.96
.95
.94
.93
.92
.91
.90
.89
.88
.87
.86
.85
100
200
300
400
500
600
Output Current (AMPS) @ 5VDC
M-CASE
L-CASE
TRANSIENT RESPONSE
20
18
16
14
12
10
8
6
4
2
0
0
100
200
300
400
Output Current Step (AMPS)
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. R9172195
UL1950 File No. E135734
CSA C22.2 No. 950 Bulletin No. 1402C
TÜV
2000 Watt
AC/DC high current power supplies
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES
|
2000W AC/DC
PAGE 4
http://www.artesyn.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com