Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2000 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # L2000
Description  Single output 2000 Watt AC/DC high current power supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

L2000 Datasheet(HTML) 3 Page - Artesyn Technologies

  L2000 Datasheet HTML 1Page - Artesyn Technologies L2000 Datasheet HTML 2Page - Artesyn Technologies L2000 Datasheet HTML 3Page - Artesyn Technologies L2000 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OUTPUT PIN CONNECTIONS
PIN NO.
J1
REFERENCE
1
+ Remote Sense
Note 1
2
- Remote Sense
Note 1
3
Enable
Notes 2 & 4, Fig. 1
4
DC OK Inverse (Optional)
Notes 3 & 4, Fig. 2
5
AC Good Inverse
Notes 3 & 4, Fig. 2
6
Margin High
Fig. 3
7
Remote Adjust
Fig. 4
8
Current Monitor
Note 6
9
Current Share
Note 6
10
Inhibit (Optional)
Notes 2 & 4, Fig. 1
11
DC OK
Notes 3 & 4, Fig. 2 & 5
12
AC Good
Notes 3 & 4, Fig. 2 & 5
13
Margin Low
Note 3
14
Supply Fault
Notes 5 & 6
15
- Remote Sense
Mechanical notes
A
AC connector is 3 position terminal block (#8 screws included), mating to
#8 ring tongue terminal.
B
DC output is 5/16-18 studs mating to 5/16 terminal lugs.
C J-1 signal connector is Molex 39-30-1140 or equivalent. Mating
connector is Molex 39-01-2140 or equivalent.
D
J-2 signal connector is Molex 39-01-1120 or equivalent. Mating
connector is 39-01-2120 or equivalent.
E
Signal connector contacts are Molex 39-00-0039 or equivalent.
F
Auxiliary DC output(s) are 6 position terminal block (#8 screws included)
mating to #8 ring tongue terminal.
G TB1 and J2 are not installed on single output models.
5.00
(127.0)
12.45 MAX
(316.23)
ALL DIMENSIONS IN INCHES (mm)
6.750
(171.45)
11.00
(279.4)
.75
(19.05)
4.00
(101.60)
.50 (12.7)
5.75
(146.05)
1.12
(28.45)
8.00
(203.2)
AIRFLOW
.40
(10.16)
8-32 X .20 (5.08) Deep Max.
(4) Top and Bottom Mounting
8-32 X .20 (5.08) Deep Max.
(4) Mounting Both Sides
Ø.136
(3.45)
2
Air Venting
Surface
Air Venting
Surface
Signal Connector
15 Position D-Sub
With Socket Contacts
.48
(12.19)
1.88
(47.75)
Voltage Adjust
and Output
Good LED's
AC Input Terminal Block
(# 8 Screws)
PIN 1
J1
VOLTAGE
ADJ
OUTPUT
GOOD
2.54
(64.52)
5.00
(127.0)
8.00
(203.2)
.78
(19.81)
1Ø INPUT
.20
(5.08)
.19 X .70 X 1.20 LG
(4.83 X 17.78 X 30.48)
Output Bars
5/16 X 1.00 Bolt Washer and
Nut Supplied
Output pin connector notes
1
Use 20AWG or larger twisted pair.
2
Switch on voltage must be <0.5V @ 5mA.
3
Figure 2 transistor on when signal TRUE. On voltage is <0.5V @ 5mA.
4
VCC in figures 1 and 2 is supplied internally; ground is pin 15.
5
Overvoltage and overtemperature will force fault TRUE. On voltage is
<0.5V @ 5mA.
6
All I/O signals are referenced to pin 15.
PAGE 3
2000 Watt
AC/DC high current power supplies
2000W AC/DC
|
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com